Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 26Page - Cypress Semiconductor S29AS008J Datasheet HTML 27Page - Cypress Semiconductor S29AS008J Datasheet HTML 28Page - Cypress Semiconductor S29AS008J Datasheet HTML 29Page - Cypress Semiconductor S29AS008J Datasheet HTML 30Page - Cypress Semiconductor S29AS008J Datasheet HTML 31Page - Cypress Semiconductor S29AS008J Datasheet HTML 32Page - Cypress Semiconductor S29AS008J Datasheet HTML 33Page - Cypress Semiconductor S29AS008J Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 30 of 56
S29AS008J
11. Command Definitions
S29AS008J Command Definitions (Word Mode)
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1RA
RD
Reset (Note 7)
1XXX
F0
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID,
Top Boot Block
6
555
AA
2AA
55
555
90
X01
227E
X0E
2204
X0F
2204
Device ID,
Bottom Boot Block
6
555
AA
2AA
55
555
90
X01
227E
X0E
2204
X0F
2203
Secured Silicon Sector
Factory Protect, Top Boot
(Note 9)
4
555
AA
2AA
55
555
90
X03
0089/
0009
Secured Silicon Sector
Factory Protect, Bottom
Boot (Note 9)
4
555
AA
2AA
55
555
90
X03
0091/
0011
Sector Group Protect
Verify (Note 10)
4
555
AA
2AA
55
555
90
(SA)X02
XX00/
XX01
Enter Secured Silicon Sector
3
555
AA
2AA
55
555
88
Exit Secured Silicon Sector
4
555
AA
2AA
55
555
90
XXX
00
CFI Query (Note 11)
155
98
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program
(Note 12)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 13)
2
XXX
90
XXX
F0
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 14)
1XXX
B0
Erase Resume (Note 15)
1XXX
30
Legend
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the
falling edge of the WE# or CE# pulse, whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of
WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address
bits A18–A12 uniquely select any sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com