Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 48Page - Cypress Semiconductor S29AS008J Datasheet HTML 49Page - Cypress Semiconductor S29AS008J Datasheet HTML 50Page - Cypress Semiconductor S29AS008J Datasheet HTML 51Page - Cypress Semiconductor S29AS008J Datasheet HTML 52Page - Cypress Semiconductor S29AS008J Datasheet HTML 53Page - Cypress Semiconductor S29AS008J Datasheet HTML 54Page - Cypress Semiconductor S29AS008J Datasheet HTML 55Page - Cypress Semiconductor S29AS008J Datasheet HTML 56Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 53 of 56
S29AS008J
21.2
VBK048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 8.15 mm x 6.15 mm
3338 \ 16-038.25b
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. NOT USED.
9. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
SIDE VIEW
TOP VIEW
SEATING PLANE
A2
A
(4X)
0.10
10
D
E
C
0.10
A1
C
B
A
C
0.08
BOTTOM VIEW
A1 CORNER
B
A
M
φ 0.15
C
M
7
7
6
e
SE
SD
6
5
4
3
2
A
B
C
D
E
F
G
1
H
φb
E1
D1
C
φ 0.08
PIN A1
CORNER
INDEX MARK
PACKAGE
VBK 048
JEDEC
N/A
8.15 mm x 6.15 mm NOM
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.00
OVERALL THICKNESS
A1
0.18
---
---
BALL HEIGHT
A2
0.62
---
0.76
BODY THICKNESS
D
8.15 BSC.
BODY SIZE
E
6.15 BSC.
BODY SIZE
D1
5.60 BSC.
BALL FOOTPRINT
E1
4.00 BSC.
BALL FOOTPRINT
MD
8
ROW MATRIX SIZE D DIRECTION
ME
6
ROW MATRIX SIZE E DIRECTION
N
48
TOTAL BALL COUNT
φb
0.35
---
0.43
BALL DIAMETER
e
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
---
DEPOPULATED SOLDER BALLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com