Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 38Page - Cypress Semiconductor S29AS008J Datasheet HTML 39Page - Cypress Semiconductor S29AS008J Datasheet HTML 40Page - Cypress Semiconductor S29AS008J Datasheet HTML 41Page - Cypress Semiconductor S29AS008J Datasheet HTML 42Page - Cypress Semiconductor S29AS008J Datasheet HTML 43Page - Cypress Semiconductor S29AS008J Datasheet HTML 44Page - Cypress Semiconductor S29AS008J Datasheet HTML 45Page - Cypress Semiconductor S29AS008J Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 42 of 56
S29AS008J
18. AC Characteristics
18.1
Read Operations
Notes
1. Not 100% tested.
2. See Figure 16.1 on page 41 and Table on page 41 for test specifications.
Figure 18.1 Read Operations Timings
Parameter
Description
Speed
Options
JEDEC
Std
Test Setup
70
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
70
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
tGLQV
tOE
Output Enable to Output Delay
Max
25
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
25
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
25
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
Toggle and Data# Polling
Min
10
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First (Note 1)
Min
0
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tSR/W
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com