Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 15Page - Cypress Semiconductor S29AS008J Datasheet HTML 16Page - Cypress Semiconductor S29AS008J Datasheet HTML 17Page - Cypress Semiconductor S29AS008J Datasheet HTML 18Page - Cypress Semiconductor S29AS008J Datasheet HTML 19Page - Cypress Semiconductor S29AS008J Datasheet HTML 20Page - Cypress Semiconductor S29AS008J Datasheet HTML 21Page - Cypress Semiconductor S29AS008J Datasheet HTML 22Page - Cypress Semiconductor S29AS008J Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 19 of 56
S29AS008J
8.1
Factory Locked: Secured Silicon Sector Programmed
and Protected at the Factory
In a factory locked device, the Secured Silicon Sector is protected when the device is shipped from the factory. The Secured Silicon
Sector cannot be modified in any way. The device is available pre-programmed with one of the following:
 A random, secure ESN only.
 Customer code through the ExpressFlash service.
 Both a random, secure ESN and customer code through the ExpressFlash service.
In devices that have an ESN, a Bottom Boot device has the 16-byte (8-word) ESN in sector 0 at addresses 00000h–0000Fh in byte
mode (or 00000h–00007h in word mode). In the Top Boot device, the ESN is in sector 22 at addresses FFFF0h–FFFFFh in byte
mode (or 7FFF8h–7FFFFh in word mode).
Customers may opt to have their code programmed by Cypress through the Cypress ExpressFlash service. Cypress programs the
customer’s code, with or without the random ESN. The devices are then shipped from the Cypress factory with the Secured Silicon
Sector permanently locked. Contact a Cypress representative for details on using the Cypress ExpressFlash service.
8.2
Customer Lockable: Secured Silicon Sector NOT Programmed
or Protected at the Factory
The customer lockable version allows the Secured Silicon Sector to be programmed once, and then permanently locked after it
ships from Cypress. Note that unlock bypass functions are not available when programming the Secured Silicon Sector.
The Secured Silicon Sector area can be protected using the following procedures:
 Write the three-cycle Enter Secured Silicon Region command sequence, and then follow the in-system sector group protect
algorithm as shown in Figure 7.1 on page 16, substituting the sector group address with the Secured Silicon Sector group address
(A0=0, A1=1, A2=0, A3=1, A4=1, A5=0, A6=0, A7=0). This allows in-system protection of the Secured Silicon Sector without raising
any device pin to a high voltage. Note that this method is only applicable to the Secured Silicon Sector.
 To verify the protect/unprotect status of the Secured Silicon Sector, follow the algorithm shown in Figure 8.1 on page 20.
Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured Silicon Sector Region command
sequence to return to reading and writing the remainder of the array.
The Secured Silicon Sector protection must be used with caution since, once protected, there is no procedure available for
unprotecting the Secured Silicon Sector area, and none of the bits in the Secured Silicon Sector memory space can be modified in
any way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com