Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 47Page - Cypress Semiconductor S29AS008J Datasheet HTML 48Page - Cypress Semiconductor S29AS008J Datasheet HTML 49Page - Cypress Semiconductor S29AS008J Datasheet HTML 50Page - Cypress Semiconductor S29AS008J Datasheet HTML 51Page - Cypress Semiconductor S29AS008J Datasheet HTML 52Page - Cypress Semiconductor S29AS008J Datasheet HTML 53Page - Cypress Semiconductor S29AS008J Datasheet HTML 54Page - Cypress Semiconductor S29AS008J Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 51 of 56
S29AS008J
19. Erase and Programming Performance
Notes
1. Typical program and erase times assume the following conditions: 25°C, VCC = 1.8 V, 100,000 cycles, checkerboard data pattern.
2. Under worst case conditions of 90°C, VCC = 1.65 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program
times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table on page 30 for further information on
command definitions.
6. The device has a minimum erase and program cycle endurance of 100,000 cycles per sector.
20. Package Pin Capacitance
Notes
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.5
10
s
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
11.5
s
Byte Programming Time
6
µs
Excludes system level
overhead (Note 5)
Word Programming Time
6
150
µs
Chip Programming Time
(Note 3)
Byte Mode
20
160
s
Word Mode
14
120
s
Parameter Symbol
Parameter Description
Test Setup
Package
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
TSOP
4
6
pF
BGA
4.2
5.0
COUT
Output Capacitance
VOUT = 0
TSOP
4.5
5.5
BGA
5.4
6.5
CIN2
Control Pin Capacitance
VIN = 0
TSOP
5
6.5
BGA
3.9
4.7
CIN3
WP# Pin Capacitance
VIN = 0
TSOP
8.5
10.0
BGA
8.5
10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com