Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 4Page - Cypress Semiconductor S29AS008J Datasheet HTML 5Page - Cypress Semiconductor S29AS008J Datasheet HTML 6Page - Cypress Semiconductor S29AS008J Datasheet HTML 7Page - Cypress Semiconductor S29AS008J Datasheet HTML 8Page - Cypress Semiconductor S29AS008J Datasheet HTML 9Page - Cypress Semiconductor S29AS008J Datasheet HTML 10Page - Cypress Semiconductor S29AS008J Datasheet HTML 11Page - Cypress Semiconductor S29AS008J Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 8 of 56
S29AS008J
6.
Ordering Information
6.1
S29AS008J Standard Products
Cypress standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm
availability of specific valid combinations and to check on newly released combinations.
Notes
1. Type 0 is standard. Specify other options as required.
2. TSOP package markings omit packing type designator from ordering part number.
S29AS008J
70
T
F
I
03
0
Packing Type
0= Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
Model Number
03 = VCC = 1.65–1.95 V, top boot sector device
04 = VCC = 1.65–1.95 V, bottom boot sector device
Temperature Range
I
= Industrial (-40°C to +85°C)
Package Material Set
F = Pb-Free
H = Pb-Free, Low-Halogen
Package Type
T = Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
Speed Option
70 = 70 ns Access Speed
Device Number/Description
S29AS008J
8 Megabit Flash Memory manufactured using 110 nm process technology
1.8 Volt-Only Read, Program, and Erase
S29AS008J Valid Combinations
Package
Description
Device
Number
Speed
Option
Package Type, Material,
and Temperature Range
Model
Number
Packing Type
S29AS008J
70
TFI
03, 04
0, 3
(Note 1)
TS048 (Note 2)
TSOP
BFI, BHI
0, 2, 3
VBK048
Fine-Pitch BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com