Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 29Page - Cypress Semiconductor S29AS008J Datasheet HTML 30Page - Cypress Semiconductor S29AS008J Datasheet HTML 31Page - Cypress Semiconductor S29AS008J Datasheet HTML 32Page - Cypress Semiconductor S29AS008J Datasheet HTML 33Page - Cypress Semiconductor S29AS008J Datasheet HTML 34Page - Cypress Semiconductor S29AS008J Datasheet HTML 35Page - Cypress Semiconductor S29AS008J Datasheet HTML 36Page - Cypress Semiconductor S29AS008J Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 33 of 56
S29AS008J
Notes
1. See Table on page 9 for description of bus operations.
2. All values are in hexadecimal.
3. Except for the read cycle and the fourth cycle of the autoselect command
sequence, all bus cycles are write cycles.
4. Data bits DQ15–DQ8 are don’t cares for unlock and command cycles.
5. Address bits A18–A11 are don’t cares for unlock and command cycles,
unless SA or PA required.
6. No unlock or command cycles required when reading array data.
7. The Reset command is required to return to reading array data when device
is in the autoselect mode, or if DQ5 goes high (while the device is providing
status data).
8. The fourth cycle of the autoselect command sequence is a read cycle.
9. For top boot, 89h = factory locked, 09h = not factory locked. For bottom boot,
91h = factory locked, 11h = not factory locked.
10. The data is 00h for an unprotected sector and 01h for a protected sector. See
Autoselect Command Sequence on page 25 for more information.
11. Command is valid when device is ready to read array data or when device is
in autoselect mode.
12. The Unlock Bypass command is required prior to the Unlock Bypass Program
command.
13. The Unlock Bypass Reset command is required to return to reading array
data when the device is in the unlock bypass mode. F0 is also acceptable.
14. The system may read and program in non-erasing sectors, or enter the
autoselect mode, when in the Erase Suspend mode. The Erase Suspend
command is valid only during a sector erase operation.
15. The Erase Resume command is valid only during the Erase Suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com