Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 11Page - Cypress Semiconductor S29AS008J Datasheet HTML 12Page - Cypress Semiconductor S29AS008J Datasheet HTML 13Page - Cypress Semiconductor S29AS008J Datasheet HTML 14Page - Cypress Semiconductor S29AS008J Datasheet HTML 15Page - Cypress Semiconductor S29AS008J Datasheet HTML 16Page - Cypress Semiconductor S29AS008J Datasheet HTML 17Page - Cypress Semiconductor S29AS008J Datasheet HTML 18Page - Cypress Semiconductor S29AS008J Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 15 of 56
S29AS008J
7.11
Sector Group Protection/Unprotection
The hardware sector group protection feature disables both program and erase operations in any sector group (see Table
on page 13 to Table on page 15). The hardware sector group unprotection feature re-enables both program and erase operations in
previously protected sector groups. Sector group protection/unprotection can be implemented via two methods.
Sector group protection/unprotection requires VID on the RESET# pin only, and can be implemented either in-system or via
programming equipment. Figure 7.1 on page 16 shows the algorithms and Figure 18.11 on page 48 shows the timing diagram. This
method uses standard microprocessor bus cycle timing. For sector group unprotect, all unprotected sector groups must first be
protected prior to the first sector group unprotect write cycle.
The device is shipped with all sector groups unprotected. Cypress offers the option of programming and protecting sector groups at
its factory prior to shipping the device through Cypress Programming Service. Contact a Cypress representative for details.
It is possible to determine whether a sector group is protected or unprotected. See Autoselect Mode on page 11 for details.
AS008J Top Boot Device Sector/Sector Group Protection
Sector / Sector Block
A18
A17
A16
A15
A14
A13
A12
Sector / Sector Block Size
SA0-SA3
0
0
XXXXX
256 (4x64) Kbytes
SA4-SA7
0
1
XXXXX
256 (4x64) Kbytes
SA8-SA11
1
0
XXXXX
256 (4x64) Kbytes
SA12-SA13
1
1
0
XXXX
128 (2x64) Kbytes
SA14
1110
X
X
X
64 Kbytes
SA15
1111000
8 Kbytes
SA16
1111001
8 Kbytes
SA17
1111010
8 Kbytes
SA18
1111011
8 Kbytes
SA19
1111100
8 Kbytes
SA20
1111101
8 Kbytes
SA21
1111110
8 Kbytes
SA22
1111111
8 Kbytes
AS008J Bottom Boot Device Sector/Sector Group Protection
Sector / Sector Block
A18
A17
A16
A15
A14
A13
A12
Sector / Sector Block Size
SA0
00
00
000
8 Kbytes
SA1
00
00
001
8 Kbytes
SA2
00
00
010
8 Kbytes
SA3
00
00
011
8 Kbytes
SA4
00
00
100
8 Kbytes
SA5
00
00
101
8 Kbytes
SA6
00
00
110
8 Kbytes
SA7
00
00
111
8 Kbytes
SA8
0
0
0
1
X
X
X
64 Kbytes
SA9-SA10
0
0
1
X
X
X
X
128 (2x64) Kbytes
SA11-SA14
0
1
X
X
X
X
X
256 (4x64) Kbytes
SA15-SA18
1
0
X
X
X
X
X
256 (4x64) Kbytes
SA19-SA22
1
1
X
X
X
X
X
256 (4x64) Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com