Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 1 Page - Cypress Semiconductor

  S29AS008J Datasheet HTML 1Page - Cypress Semiconductor S29AS008J Datasheet HTML 2Page - Cypress Semiconductor S29AS008J Datasheet HTML 3Page - Cypress Semiconductor S29AS008J Datasheet HTML 4Page - Cypress Semiconductor S29AS008J Datasheet HTML 5Page - Cypress Semiconductor S29AS008J Datasheet HTML 6Page - Cypress Semiconductor S29AS008J Datasheet HTML 7Page - Cypress Semiconductor S29AS008J Datasheet HTML 8Page - Cypress Semiconductor S29AS008J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-00870 Rev.*K
Revised May 19, 2017
S29AS008J
8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V
Boot Sector Flash
Distinctive Characteristics
Architectural Advantages
 Single Power Supply Operation
– Full voltage range: 1.65 to 1.95 volt read and write
operations for battery-powered applications
 Manufactured on 110 nm Process Technology
 Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random Electronic
Serial Number, accessible through a command sequence
– May be programmed and locked at the factory or by the
customer
 Flexible Sector Architecture
– Eight 8 Kbyte and fifteen 64 Kbyte sectors (byte mode)
– Eight 4 Kword, and fifteen 32 Kword sectors (word mode)
 Sector Group Protection Features
– A hardware method of locking a sector to prevent any
program or erase operations within that sector
– Sectors can be locked in-system or via programming
equipment
– Temporary Sector Group Unprotect feature allows code
changes in previously locked sectors
 Unlock Bypass Program Command
– Reduces overall programming time when issuing multiple
program command sequences
 Top or Bottom Boot Block Configurations Available
 Compatibility with JEDEC standards
– Pinout and software compatible with single-power supply
Flash
– Superior inadvertent write protection
Performance Characteristics
 High Performance
– Access times as fast as 70 ns
– Industrial temperature range (-40°C to +85°C)
– Word programming time as fast as 6 µs (typical)
 Ultra Low Power Consumption (typical values at 5 MHz)
– 15 µA Automatic Sleep mode current
– 8 µA standby mode current
– 8 mA read current
– 20 mA program/erase current
 Cycling Endurance: 1,000,000 cycles per sector typical
 Data Retention: 20 years typical
Package Options
 48-ball BGA
 48-pin TSOP
Software Features
 CFI (Common Flash Interface) Compliant
– Provides device-specific information to the system,
allowing host software to easily reconfigure for different
Flash devices
 Erase Suspend/Erase Resume
– Suspends an erase operation to read data from, or
program data to, a sector that is not being erased, then
resumes the erase operation
 Data# Polling and Toggle Bits
– Provides a software method of detecting program or erase
operation completion
Hardware Features
 Ready/Busy# Pin (RY/BY#)
– Provides a hardware method of detecting program or
erase cycle completion
 Hardware Reset Pin (RESET#)
– Hardware method to reset the device to reading array data
 WP# input pin
– Write protect (WP#) function allows protection of two
outermost boot sectors (boot sector models only),
regardless of sector group protect status


Similar Part No. - S29AS008J

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
More results

Similar Description - S29AS008J

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Cypress Semiconductor
S29AL008J CYPRESS-S29AL008J Datasheet
744Kb / 50P
8-Mbit (1M 횞 8-Bit/512K 횞 16-Bit), 3 V, Boot Sector Flash
S29AS016J CYPRESS-S29AS016J Datasheet
658Kb / 59P
16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com