Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 37Page - Cypress Semiconductor S29AS008J Datasheet HTML 38Page - Cypress Semiconductor S29AS008J Datasheet HTML 39Page - Cypress Semiconductor S29AS008J Datasheet HTML 40Page - Cypress Semiconductor S29AS008J Datasheet HTML 41Page - Cypress Semiconductor S29AS008J Datasheet HTML 42Page - Cypress Semiconductor S29AS008J Datasheet HTML 43Page - Cypress Semiconductor S29AS008J Datasheet HTML 44Page - Cypress Semiconductor S29AS008J Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 41 of 56
S29AS008J
16. Test Conditions
Figure 16.1 Test Setup
17. Key to Switching Waveforms
Figure 17.1 Input Waveforms and Measurement Levels
Test Specifications
Test Condition
70
Unit
Output Load Capacitance, CL
(including jig capacitance)
100
pF
Input Rise and Fall Times
3
ns
Input Pulse Levels
0.0 – 2.0
V
Input timing measurement reference levels
1.0
Output timing measurement reference levels
1.0
Waveform
Inputs
Outputs
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
CL
Device
Under
Test
Vcc
0.0 V
Vcc/2
Output
Measurement Level
Input
Vcc/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com