Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 19Page - Cypress Semiconductor S29AS008J Datasheet HTML 20Page - Cypress Semiconductor S29AS008J Datasheet HTML 21Page - Cypress Semiconductor S29AS008J Datasheet HTML 22Page - Cypress Semiconductor S29AS008J Datasheet HTML 23Page - Cypress Semiconductor S29AS008J Datasheet HTML 24Page - Cypress Semiconductor S29AS008J Datasheet HTML 25Page - Cypress Semiconductor S29AS008J Datasheet HTML 26Page - Cypress Semiconductor S29AS008J Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 23 of 56
S29AS008J
Primary Vendor-Specific Extended Query
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0033h
Minor version number, ASCII
45h
8Ah
000Ch
Address Sensitive Unlock
0 = Required
1 = Not Required
46h
8Ch
0002h
Erase Suspend
0 = Not Supported
1 = To Read Only
2 = To Read & Write
47h
8Eh
0001h
Sector Group Protect
0 = Not Supported
X = Number of sectors in smallest sector group
48h
90h
0001h
Sector Group Temporary Unprotect
00 = Not Supported
01 = Supported
49h
92h
0004h
Sector Group Protect/Unprotect scheme
01 = 29F040 mode
02 = 29F016 mode
03 = 29F400 mode
04 = 29LV800A mode
4Ah
94h
0000h
Simultaneous Operation
00 = Not Supported
01 = Supported
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported
01 = Supported
4Ch
98h
0000h
Page Mode Type
00 = Not Supported
01 = 4 Word Page
02 = 8 Word Page
4Dh
9Ah
0000h
ACC (Acceleration) Supply Minimum
00 = Not Supported
D7-D4: Volt
D3-D0: 100 mV
4Eh
9Ch
0000h
ACC (Acceleration) Supply Maximum
00 = Not Supported
D7-D4: Volt
D3-D0: 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com