Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 45Page - Cypress Semiconductor S29AS008J Datasheet HTML 46Page - Cypress Semiconductor S29AS008J Datasheet HTML 47Page - Cypress Semiconductor S29AS008J Datasheet HTML 48Page - Cypress Semiconductor S29AS008J Datasheet HTML 49Page - Cypress Semiconductor S29AS008J Datasheet HTML 50Page - Cypress Semiconductor S29AS008J Datasheet HTML 51Page - Cypress Semiconductor S29AS008J Datasheet HTML 52Page - Cypress Semiconductor S29AS008J Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 49 of 56
S29AS008J
18.6
Alternate CE# Controlled Erase/Program Operations
Notes
1. Not 100% tested.
2. See Erase and Programming Performance on page 51 for more information.
Parameter
Speed Options
JEDEC
Std
Description
70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
ns
tDVEH
tDS
Data Setup Time
Min
35
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
ns
tEHEL
tCPH
CE# Pulse Width High
Min
20
ns
tSR/W
Latency Between Read and Write Operations
Min
20
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Byte
Typ
6
µs
Word
Typ
6
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com