Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 34Page - Cypress Semiconductor S29AS008J Datasheet HTML 35Page - Cypress Semiconductor S29AS008J Datasheet HTML 36Page - Cypress Semiconductor S29AS008J Datasheet HTML 37Page - Cypress Semiconductor S29AS008J Datasheet HTML 38Page - Cypress Semiconductor S29AS008J Datasheet HTML 39Page - Cypress Semiconductor S29AS008J Datasheet HTML 40Page - Cypress Semiconductor S29AS008J Datasheet HTML 41Page - Cypress Semiconductor S29AS008J Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 38 of 56
S29AS008J
12.6
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5
produces a 1. This is a failure condition that indicates the program or erase cycle was not successfully completed.
The DQ5 failure condition may appear if the system tries to program a 1 to a location that is previously programmed to 0. Only an
erase operation can change a 0 back to a 1. Under this condition, the device halts the operation, and when the operation has
exceeded the timing limits, DQ5 produces a 1.
Under both these conditions, the system must issue the reset command to return the device to reading array data.
12.7
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not an erase operation has
begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors are selected for erasure, the entire
time-out also applies after each additional sector erase command. When the time-out is complete, DQ3 switches from 0 to 1. The
system may ignore DQ3 if the system can guarantee that the time between additional sector erase commands will always be less
than 50
s. See also Sector Erase Command Sequence on page 28.
After the sector erase command sequence is written, the system should read the status on DQ7 (Data# Polling) or DQ6 (Toggle Bit
I) to ensure the device has accepted the command sequence, and then read DQ3. If DQ3 is 1, the internally controlled erase cycle
has begun; all further commands (other than Erase Suspend) are ignored until the erase operation is complete. If DQ3 is 0, the
device will accept additional sector erase commands. To ensure the command has been accepted, the system software should
check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 is high on the second status check,
the last command might not have been accepted. Table shows the outputs for DQ3.
Notes
1. DQ5 switches to 1 when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See DQ5: Exceeded Timing Limits
on page 38 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
Write Operation Status
Operation
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspend
Mode
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Reading within Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com