Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 30Page - Cypress Semiconductor S29AS008J Datasheet HTML 31Page - Cypress Semiconductor S29AS008J Datasheet HTML 32Page - Cypress Semiconductor S29AS008J Datasheet HTML 33Page - Cypress Semiconductor S29AS008J Datasheet HTML 34Page - Cypress Semiconductor S29AS008J Datasheet HTML 35Page - Cypress Semiconductor S29AS008J Datasheet HTML 36Page - Cypress Semiconductor S29AS008J Datasheet HTML 37Page - Cypress Semiconductor S29AS008J Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 34 of 56
S29AS008J
12. Write Operation Status
The device provides several bits to determine the status of a write operation: DQ2, DQ3, DQ5, DQ6, DQ7, and RY/BY#. Table
on page 38 and the following subsections describe the functions of these bits. DQ7, RY/BY#, and DQ6 each offer a method for
determining whether a program or erase operation is complete or in progress. These three bits are discussed first.
12.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or completed, or whether
the device is in Erase Suspend. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase command
sequence.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum programmed to DQ7. This DQ7
status also applies to programming during Erase Suspend. When the Embedded Program algorithm is complete, the device outputs
the datum programmed to DQ7. The system must provide the program address to read valid status information on DQ7. If a program
address falls within a protected sector, Data# Polling on DQ7 is active for approximately 1 µs, then the device returns to reading
array data.
During the Embedded Erase algorithm, Data# Polling produces a 0 on DQ7. When the Embedded Erase algorithm is complete, or if
the device enters the Erase Suspend mode, Data# Polling produces a 1 on DQ7. This is analogous to the complement/true datum
output described for the Embedded Program algorithm: the erase function changes all the bits in a sector to 1; prior to this, the
device outputs the complement, or 0. The system must provide an address within any of the sectors selected for erasure to read
valid status information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling on DQ7 is active for
approximately 100 µs, then the device returns to reading array data. If not all selected sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and ignores the selected sectors that are protected.
When the system detects DQ7 has changed from the complement to true data, it can read valid data (at DQ7–DQ0 in byte mode or
DQ15–DQ0 in word mode) on the following read cycles. This is because DQ7 may change asynchronously with DQ0–DQ6 while
Output Enable (OE#) is asserted low. Figure 18.7 on page 47, illustrates this.
Table on page 38 shows the outputs for Data# Polling on DQ7. Figure 12.2 on page 37 shows the Data# Polling algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com