Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 43Page - Cypress Semiconductor S29AS008J Datasheet HTML 44Page - Cypress Semiconductor S29AS008J Datasheet HTML 45Page - Cypress Semiconductor S29AS008J Datasheet HTML 46Page - Cypress Semiconductor S29AS008J Datasheet HTML 47Page - Cypress Semiconductor S29AS008J Datasheet HTML 48Page - Cypress Semiconductor S29AS008J Datasheet HTML 49Page - Cypress Semiconductor S29AS008J Datasheet HTML 50Page - Cypress Semiconductor S29AS008J Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 47 of 56
S29AS008J
Figure 18.7 Data# Polling Timings (During Embedded Algorithms)
Note
VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle.
Figure 18.8 Toggle Bit Timings (During Embedded Algorithms)
Note
VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle.
Figure 18.9 DQ2 vs. DQ6 for Erase and Erase Suspend Operations
Note
The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an erase-suspended sector.
WE#
CE#
OE#
High Z
tOE
High Z
DQ7
DQ0–DQ6
RY/BY#
tBUSY
Complement
True
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
Status Data
Complement
Status Data
True
Valid Data
Valid Data
tACC
tRC
WE#
CE#
OE#
High Z
tOE
DQ6/DQ2
RY/BY#
tBUSY
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
tACC
tRC
Valid Data
Valid Status
Valid Status
(first read)
(second read)
(stops toggling)
Valid Status
VA
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com