Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 12Page - Cypress Semiconductor S29AS008J Datasheet HTML 13Page - Cypress Semiconductor S29AS008J Datasheet HTML 14Page - Cypress Semiconductor S29AS008J Datasheet HTML 15Page - Cypress Semiconductor S29AS008J Datasheet HTML 16Page - Cypress Semiconductor S29AS008J Datasheet HTML 17Page - Cypress Semiconductor S29AS008J Datasheet HTML 18Page - Cypress Semiconductor S29AS008J Datasheet HTML 19Page - Cypress Semiconductor S29AS008J Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 16 of 56
S29AS008J
Figure 7.1 In-System Sector Group Protect/Unprotect Algorithms
Note
1. If WP# = VIL, the top or bottom two address sectors remains protected for boot sector devices
Sector Group Protect:
Write 60h to sector
address with
A6 = 0,
A3 = A2 = 0,
A1 = 1, A0 = 0
Set up sector
address
Wait 100 µs
Verify Sector Group
Protect: Write 40h
to sector address
with A6 = 0,
A3 = A2 = 0,
A1 = 1, A0 = 0
Read from
sector address
with A6 = 0,
A3 = A2 = 0,
A1 = 1, A0 = 0
START
PLSCNT = 1
RESET# = VID
Wait 1
μs
First Write
Cycle = 60h?
Data = 01h?
Remove VID
from RESET#
Write reset
command
Sector Group
Protect complete
Yes
Yes
No
PLSCNT
= 25?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Group Unprotect Mode
No
Sector Group Unprotect:
Write 60h to sector
address with
A6 = 1, A1 = 1,
A0 = 0
Set up first sector
group address
Wait 10 ms
Verify Sector Group
Unprotect: Write
40h to sector
address with
A6 = 1, A1 = 1,
A0 = 0
Read from
sector address
with A6 = 1,
A3 = A2 = 0,
A1 = 1, A0 = 0
START
PLSCNT = 1
RESET# = VID
Wait 1
μs
Data = 00h?
Last sector
group verified?
Remove VID
from RESET#
Write reset
command
Sector Group
Unprotect complete
Yes
No
PLSCNT
= 1000?
Yes
Device failed
Increment
PLSCNT
Temporary Sector Group
Unprotect Mode
No
All sectors
protected?
Yes
Set up
next sector
address
No
Yes
No
Yes
No
No
Yes
No
Sector Group
Protect Algorithm
Sector Group
Unprotect Algorithm
First Write
Cycle = 60h?
Protect another
sector?
Reset
PLSCNT = 1
Protect all sectors:
The indicated portion
of the sector group
protect algorithm
must be performed
for all unprotected
sector group prior
to issuing the first
sector group
unprotect address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com