Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 6Page - Cypress Semiconductor S29AS008J Datasheet HTML 7Page - Cypress Semiconductor S29AS008J Datasheet HTML 8Page - Cypress Semiconductor S29AS008J Datasheet HTML 9Page - Cypress Semiconductor S29AS008J Datasheet HTML 10Page - Cypress Semiconductor S29AS008J Datasheet HTML 11Page - Cypress Semiconductor S29AS008J Datasheet HTML 12Page - Cypress Semiconductor S29AS008J Datasheet HTML 13Page - Cypress Semiconductor S29AS008J Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 10 of 56
S29AS008J
See Reading Array Data on page 25 for more information. Refer to the AC Read Operations on page 42 for timing specifications and
to Figure 18.1 on page 42 for the timing diagram. ICC1 in DC Characteristics on page 40 represents the active current specification
for reading array data.
7.3
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the
system must drive WE# and CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines whether the device accepts program data in bytes or words. See Word/Byte
Configuration on page 9 for more information.
The device features an Unlock Bypass mode to facilitate faster programming. Once the device enters the Unlock Bypass mode,
only two write cycles are required to program a word or byte, instead of four. Word/Byte Program Command Sequence on page 26
has details on programming data to the device using both standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors, or the entire device. Table on page 13 and Table on page 13 indicate
the address space that each sector occupies. A “sector address” consists of the address bits required to uniquely select a sector.
The Command Definitions on page 25 has details on erasing a sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read
autoselect codes from the internal register (which is separate from the memory array) on DQ7–DQ0. Standard read cycle timings
apply in this mode. Refer to Autoselect Mode on page 11 and Autoselect Command Sequence on page 25 for more information.
ICC2 in DC Characteristics on page 40 represents the active current specification for the write mode. AC Characteristics on page 42
contains timing specification tables and timing diagrams for write operations.
7.4
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the operation by reading the status bits on DQ7–DQ0.
Standard read cycle timings and ICC read specifications apply. Refer to Write Operation Status on page 34 for more information, and
to AC Characteristics on page 42 for timing diagrams.
7.5
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input.
The device enters the CMOS standby mode when the CE# and RESET# pins are both held at VCC  0.2 V. (Note that this is a more
restricted voltage range than VIH.) If CE# and RESET# are held at VIH, but not within VCC  0.2 V, the device will be in the standby
mode, but the standby current will be greater. The device requires standard access time (tCE) for read access when the device is in
either of these standby modes, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws active current until the operation is completed.
ICC3 and ICC4 represents the standby current specification shown in the table in DC Characteristics on page 40.
7.6
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables this mode when
addresses remain stable for tACC + 30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals.
Standard address access timings provide new data when addresses are changed. While in sleep mode, output data is latched and
always available to the system. ICC5 in the DC Characteristics on page 40 represents the automatic sleep mode current
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com