Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 48Page - Cypress Semiconductor S29AS008J Datasheet HTML 49Page - Cypress Semiconductor S29AS008J Datasheet HTML 50Page - Cypress Semiconductor S29AS008J Datasheet HTML 51Page - Cypress Semiconductor S29AS008J Datasheet HTML 52Page - Cypress Semiconductor S29AS008J Datasheet HTML 53Page - Cypress Semiconductor S29AS008J Datasheet HTML 54Page - Cypress Semiconductor S29AS008J Datasheet HTML 55Page - Cypress Semiconductor S29AS008J Datasheet HTML 56Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 54 of 56
S29AS008J
22. Revision History
Document Title:S29AS008J 8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
Document Number: 002-00870
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
-
RYSU
07/27/2007
Spansion Publication Number: S29AS008J_00
01:Initial release
*A
-
RYSU
10/30/2007
02:Ordering Information Deleted all Leaded package offerings
Table Primary Vendor-Specific Extended Query
Corrected the data of CFI address 44 Hex
*B
-
RYSU
06/06/2008
03:Ordering Information
Removed all 50 ns speed option and FBGA package offerings
Updated the Valid Combination table
CMOS Compatible Updated Note 4
TSOP and BGA Pin Capacitance
Changed Title to Package Pin Capacitance
Added WLCSP Information
Connection Diagram
Removed VBK048
Added WLCSP
Physical Dimention
Removed VBK048
Added WLCSP
Common Flash Memory Interface Updated Table Primary Vendor-Specific Ex-
tended Query
*C
-
RYSU
08/19/2008
04:Sector Protection/Unprotection Replaced entire section.
Global
Modified all references to sector protection, sector unprotection, temporary
sector unprotect, and
temporary sector unprotect to sector group protection, sector
groupunprotection, temporary sector
group unprotect, and temporary sector group unprotect.
In-System Group Protect/Unprotect Algorithms
Added Note
Read Operations Added note 3
*D
-
RYSU
10/27/2008
05:Sector Programmed and Protected at the Factory
Modified first bullet
Updated figure Secured Silicon Sector Protect Verify
TSOP and Pin Capacitance Updated Table
*E
-
RYSU
03/06/2009
06:Ordering Information Updated the Valid Communication table
Connection Diagrams Added VBK048
Special Handling Instructions Added section
Package Pin Capacitance Updated table
Physical Dimensions Added VBK048
Table: Erase and Programming Performance
Updated table
*F
-
RYSU
04/27/2009
07:Ordering Information Updated the Valid combination
*G
-
RYSU
07/16/2009
08:Global Removed all references to WLCSP from data sheet.
Sector Address Tables Corrected notes to Tables 7.3 and 7.4
Read Operations Removed note 3 from section 18.1
*H
-
RYSU
11/09/2011
09:Ordering Information Added Low Halogen BGA ordering option
*I
-
RYSU
12/09/2011
10:RESET#: Hardware Reset Pin Added sentence regarding use of CE#
with RESET#
RESET# Timings Figure Added note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com