Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 9Page - Cypress Semiconductor S29AS008J Datasheet HTML 10Page - Cypress Semiconductor S29AS008J Datasheet HTML 11Page - Cypress Semiconductor S29AS008J Datasheet HTML 12Page - Cypress Semiconductor S29AS008J Datasheet HTML 13Page - Cypress Semiconductor S29AS008J Datasheet HTML 14Page - Cypress Semiconductor S29AS008J Datasheet HTML 15Page - Cypress Semiconductor S29AS008J Datasheet HTML 16Page - Cypress Semiconductor S29AS008J Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 13 of 56
S29AS008J
7.10
Sector Address Tables
Note
Address range is A18:A-1 in byte mode and A18:A0 in word mode. See Word/Byte Configuration on page 9.
Sector Address Tables (Top Boot Device)
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)
SA0
0000
X
X
X
64/32
00000–0FFFF
00000–07FFF
SA1
0001
X
X
X
64/32
10000–1FFFF
08000–0FFFF
SA2
0010
X
X
X
64/32
20000–2FFFF
10000–17FFF
SA3
0011
X
X
X
64/32
30000–3FFFF
18000–1FFFF
SA4
0100
X
X
X
64/32
40000–4FFFF
20000–27FFF
SA5
0101
X
X
X
64/32
50000–5FFFF
28000–2FFFF
SA6
0110
X
X
X
64/32
60000–6FFFF
30000–37FFF
SA7
0111
X
X
X
64/32
70000–7FFFF
38000–3FFFF
SA8
1000
X
X
X
64/32
80000–8FFFF
40000–47FFF
SA9
1001
X
X
X
64/32
90000–9FFFF
48000–4FFFF
SA10
1010
X
X
X
64/32
A0000–AFFFF
50000–57FFF
SA11
1011
X
X
X
64/32
B0000–BFFFF
58000–5FFFF
SA12
1100
X
X
X
64/32
C0000–CFFFF
60000–67FFF
SA13
1101
X
X
X
64/32
D0000–DFFFF
68000–6FFFF
SA14
1110
X
X
X
64/32
E0000–EFFFF
70000–77FFF
SA15
1111000
8/4
F0000–F1FFF
78000–78FFF
SA16
1111001
8/4
F2000 - F3FFF
79000–79FFF
SA17
1111010
8/4
F4000 - F5FFF
7A000–7AFFF
SA18
1111011
8/4
F6000 - F7FFF
7B000–7BFFF
SA19
1111100
8/4
F8000 - F9FFF
7C000–7CFFF
SA20
1111101
8/4
FA000 - FBFFF
7D000–7DFFF
SA21
1111110
8/4
FC000 - FDFFF
7E000–7EFFF
SA22
1111111
8/4
FE000 - FFFFF
7F000–7FFFF
Sector Address Tables (Bottom Boot Device)
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)
SA0
00
0000
0
8/4
00000–01FFF
00000–00FFF
SA1
00
0000
1
8/4
02000–03FFF
01000–01FFF
SA2
00
0001
0
8/4
04000–05FFF
02000–02FFF
SA3
00
0001
1
8/4
06000–07FFF
03000–03FFF
SA4
00
0010
0
8/4
08000–09FFF
04000–04FFF
SA5
00
0010
1
8/4
0A000–0BFFF
05000–05FFF
SA6
00
0011
0
8/4
0C000–0DFFF
06000–06FFF
SA7
00
0011
1
8/4
0E000–0FFFF
07000–07FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com