Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # S29AS008J
Description  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 42Page - Cypress Semiconductor S29AS008J Datasheet HTML 43Page - Cypress Semiconductor S29AS008J Datasheet HTML 44Page - Cypress Semiconductor S29AS008J Datasheet HTML 45Page - Cypress Semiconductor S29AS008J Datasheet HTML 46Page - Cypress Semiconductor S29AS008J Datasheet HTML 47Page - Cypress Semiconductor S29AS008J Datasheet HTML 48Page - Cypress Semiconductor S29AS008J Datasheet HTML 49Page - Cypress Semiconductor S29AS008J Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 46 of 56
S29AS008J
Figure 18.5 Program Operation Timings
Notes
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 18.6 Chip/Sector Erase Operation Timings
Notes
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see Write Operation Status on page 34).
2. Illustration shows device in word mode.
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com