Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp X98021 Datasheet HTML 27Page - Renesas Technology Corp X98021 Datasheet HTML 28Page - Renesas Technology Corp X98021 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
FN8219 Rev 3.00
Page 29 of 29
March 8, 2006
X98021
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2006. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
128-Lead Metric Quad Flat Pack (MQFP)
1
2.750±0.250
DIMENSIONS
MAX. 3.40
A
1
S/N
SYM
DIMENSION LIST ( FOOTPRINT: 3.200)
14.000±0.100
23.200±0.250
17.200±0.250
0.250~0.500
0°~7°
1.600 REF.
0.880±0.150
0.170±0.060
0.152±0.040
20.000±0.100
2
D
4
3
5
E
6
L
8
9
1
a
1
12
11
T
10
7
A2
L1
T1
E1
D1
A1
0.500 BASE
0.100
0.100
0.200±0.030
e
1
15
14
17
16
1
S/N
GENERAL TOLERANCE.
NOTES :
ddd
ccc
b1
1
0.220±0.050
b
13
2
1
4
3
6
2
7
5
OR CUTTING BURR.
DRAWING DOES NOT INCLUDE PLASTIC OR METAL PROTRUSION
EXCEPT EJECTION AND PIN 1 MARKING.
ALL MOLDED BODY SHARP CORNER RADII
UNLESS OTHERWISE SPECIFIED.
COMPLIANT TO JEDEC STANDARD:
TOP/BTM PACKAGE MISALIGNMENT ( X, Y ):
PACKAGE/LEADFRAME MISALIGNMENT ( X, Y ):
MATTE FINISH ON PACKAGE BODY SURFACE
Ra 0.8~2.0um
MS-022
MAX. R0.200
MAX. 0.127
MAX. 0.127
STANDOFF
SPECIFICATION
LEAD BASE METAL WIDTH
FOOT COPLANARITY
LEAD PITCH
FOOT POSITION
DESCRIPTION
DISTANCE
ANGLE
±0.100
±2.5°
LEAD TIP TO TIP
PKG THICKNESS
LEAD TIP TO TIP
PKG LENGTH
FRAME THICKNESS
LEAD LENGTH
FOOT ANGLE
FOOT LENGTH
PKG WIDTH
FRAME BASE METAL THICKNESS
LEAD WIDTH
OVERALL HEIGHT
REMARKS
SEATING
PLANE
14.000±0.100
ALL AROUND
1
A
12°
(D1)
Y
b
13.870±0.100
(4X)
C0.600X0.350
12° ALL AROUND
A
12.500 REF.
D
1
PIN 1
128
D1
ddd
C
DETAIL Y
b
e
L
L1
0.13~0.30
R0.13
MIN.
ALL AROUND
R0.25 TYP
0.200 MIN.
0 ° MIN.
SOLUTIONS IN SILICON
PACKAGE OUTLINE DRAWING
14 x 20 mm 128 LEAD MQFP (with or without Heat spreader)
DROP IN HEAT SPREADER
4 STAND POINTS EXPOSED
SECTION A-A
b1
Drawing #: MDP0055
Units: mm
Date: 09/26/05
Rev: 1
3.2 mm FOOTPRINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com