Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 3 Page - Renesas Technology Corp

  X98021 Datasheet HTML 1Page - Renesas Technology Corp X98021 Datasheet HTML 2Page - Renesas Technology Corp X98021 Datasheet HTML 3Page - Renesas Technology Corp X98021 Datasheet HTML 4Page - Renesas Technology Corp X98021 Datasheet HTML 5Page - Renesas Technology Corp X98021 Datasheet HTML 6Page - Renesas Technology Corp X98021 Datasheet HTML 7Page - Renesas Technology Corp X98021 Datasheet HTML 8Page - Renesas Technology Corp X98021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 3 of 29
March 8, 2006
T
Absolute Maximum Ratings
Recommended Operating Conditions
Voltage on VA, VD, or VX
(referenced to GNDA=GNDD=GNDX) . . . . . . . . . . . . . . . . . . . 4.0V
Voltage on any analog input pin
(referenced to GNDA) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VA
Voltage on any digital input pin
(referenced to GNDD) . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Current into any output pin
20mA
Operating Temperature range . . . . . . . . . . . . . . . . . . . . . 0
C to +70C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125
C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . .-65
C to +150C
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . VA = VD = VX = 3.3V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Electrical Specifications
Specifications apply for VA = VD = VX = 3.3V, pixel rate = 210MHz, fXTAL = 25MHz, TA = 25°C,
unless otherwise noted
SYMBOL
PARAMETER
COMMENT
MIN
TYP
MAX
UNIT
FULL CHANNEL CHARACTERISTICS
ADC Resolution
8Bits
Missing Codes
Guaranteed monotonic
None
Conversion Rate
Per Channel
10
210
MHz
DNL
Differential Non-Linearity
±0.6
+1.0
-0.9
LSB
INL
Integral Non-Linearity
±1.25
±3.25
LSB
Gain Adjustment Range
±6
dB
Gain Adjustment Resolution
8Bits
Gain Matching Between Channels
Percent of full scale
±1
%
Full Channel Offset Error, ABLC™ enabled ADC LSBs, over time and temperature
±0.125
±0.5
LSB
Offset Adjustment Range, ABLC™
enabled or disabled
ADC LSBs (see ABLC™ applications
information section)
±127
LSB
Overvoltage Recovery Time
For 150% overrange, maximum bandwidth
setting
5ns
ANALOG VIDEO INPUT CHARACTERISTICS (RIN1, GIN1, BIN1, RIN2, GIN2, BIN2)
Input Range
0.35
0.7
1.4
VP-P
Input Bias Current
DC restore clamp off
±0.01
±1
µA
Input Capacitance
5pF
Full Power Bandwidth
Programmable
780
MHz
INPUT CHARACTERISTICS (SOGIN1, SOGIN2)
VIH/VIL
Input Threshold Voltage
Programmable - See Register Listing for
Details
0 to
-0.3
V
Hysteresis
Centered around threshold voltage
40
mV
Input capacitance
5pF
INPUT CHARACTERISTICS (HSYNCIN1, HSYNCIN2)
VIH/VIL
Input Threshold Voltage
Programmable - See Register Listing for
Details
0.4 to 3.2
V
Hysteresis
Centered around threshold voltage
240
mV
RIN
Input impedance
1.2
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com