Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp X98021 Datasheet HTML 27Page - Renesas Technology Corp X98021 Datasheet HTML 28Page - Renesas Technology Corp X98021 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 25 of 29
March 8, 2006
The output of the XOR gate is connected to the HSYNCIN
input of the X98021. One of the XOR inputs is connected to the
HSYNC/CSYNC source, and the other input is connected to a
general purpose I/O. For all sync sources except the CSYNC
shown in Figure 11, the input connected to the GPIO should be
driven low.
If the system microcontroller detects a mode corresponding to
the sync type and polarity shown in Figure 11, it should drive
the GPIO pin high. This will invert the CSYNC signal seen by
the X98021 and prevent any spontaneous image shifting.
X98021 Serial Communication
Overview
The X98021 uses a 2 wire serial bus for communication with its
host. SCL is the Serial Clock line, driven by the host, and SDA
is the Serial Data line, which can be driven by all devices on
the bus. SDA is open drain to allow multiple devices to share
the same bus simultaneously.
Communication is accomplished in three steps:
1. The Host selects the X98021 it wishes to communicate
with.
2. The Host writes the initial X98021 Configuration Register
address it wishes to write to or read from.
3. The Host writes to or reads from the X98021’s
Configuration Register. The X98021’s internal address
pointer auto increments, so to read registers 0x00 through
0x1B, for example, one would write 0x00 in step 2, then
repeat step 3 28 times, with each read returning the next
register value.
The X98021 has a 7 bit address on the serial bus. The upper 6
bits are permanently set to 100110, with the lower bit
determined by the state of pin 48. This allows 2 X98021s to be
independently controlled while sharing the same bus.
The bus is nominally inactive, with SDA and SCL high.
Communication begins when the host issues a START
command by taking SDA low while SCL is high (Figure 12).
The X98021 continuously monitors the SDA and SCL lines for
the start condition and will not respond to any command until
this condition has been met. The host then transmits the 7 bit
serial address plus a R/W bit, indicating if the next transaction
will be a Read (R/W = 1) or a Write (R/W = 0). If the address
transmitted matches that of any device on the bus, that device
must respond with an ACKNOWLEDGE (Figure 13).
Once the serial address has been transmitted and
acknowledged, one or more bytes of information can be written
to or read from the slave. Communication with the selected
device in the selected direction (read or write) is ended by a
STOP command, where SDA rises while SCL is high (Figure
12), or a second START command, which is commonly used to
reverse data direction without relinquishing the bus.
Data on the serial bus must be valid for the entire time SCL is
high (Figure 14). To achieve this, data being written to the
X98021 is latched on a delayed version of the rising edge of
SCL. SCL is delayed and deglitched inside the X98021 for 3
crystal clock periods (120ns for a 25MHz crystal) to eliminate
spurious clock pulses that could disrupt serial communication.
When the contents of the X98021 are being read, the SDA line
is updated after the falling edge of SCL, delayed and
deglitched in the same manner.
Configuration Register Write
Figure 15 shows two views of the steps necessary to write one
or more words to the Configuration Register.
Configuration Register Read
Figure 16 shows two views of the steps necessary to read one
or more words from the Configuration Register.
FIGURE 11. CSYNC ON HSYNC THAT MAY CAUSE SPORADIC IMAGE SHIFTS
t
1
t
2
HSYNC
IN
Conditions required: negative polarity VSYNC, with no serrations, and t
1 = t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com