Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 14Page - Renesas Technology Corp X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp X98021 Datasheet HTML 18Page - Renesas Technology Corp X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 18 of 29
March 8, 2006
SYNC Processing
The X98021 can process sync signals from 3 different sources:
discrete HSYNC and VSYNC, composite sync on the HSYNC
input, or composite sync from a Sync-On-Green (SOG) signal
embedded on the Green video input. The X98021 has SYNC
activity detect functions to help the firmware determine which
sync source is available.
PGA
The X98021’s Programmable Gain Amplifier (PGA) has a
nominal gain range from 0.5V/V (-6dB) to 2.0V/V (+6dB). The
transfer function is:
where GainCode is the value in the Gain register for that
particular color. Note that for a gain of 1 V/V for GainCode
should be 85 (0x55). This is a different center value than the
128 (0x80) value used by some other AFEs, so the firmware
should take this into account when adjusting gains.
The PGAs are updated by the internal clamp signal once per
line. In normal operation this means that there is a maximum
delay of one HSYNC period between a write to a Gain register
for a particular color and the corresponding change in that
channel’s actual PGA gain. If there is no regular HSYNC/SOG
source, or if the external clamp option is enabled (register
0x13[5:4]) but there is no external clamp signal being
generated, it may take up to 100ms for a write to the Gain
register to update the PGA. This is not an issue in normal
operation with RGB and YUV signals.
Bandwidth and Peaking Control
Register 0x0D[3:1] controls a low pass filter allowing the input
bandwidth to be adjusted with three bit resolution between its
default value (0x0E = 780MHz) and its minimum bandwidth
(0x00, for 100MHz). Typically the higher the resolution, the
higher the desired input bandwidth. To minimize noise, video
signals should be digitized with the minimum bandwidth setting
that passes sharp edges.
0:
VGA1
0x05[0]
1:
VGA2
HSYNC
IN1
HSYNC1
SLICER
0x03[2:0]
VSYNC
IN1
SOG
IN1
HSYNC2
SLICER
0x03[6:4]
HSYNC
IN
VSYNC
IN
ACTIVITY 0x01[6:0]
&
POLARITY 0x02[5:0]
DETECT
HSYNC
IN2
VSYNC
IN2
SOG
IN2
SYNC
SPLITTER
PLL
0x0E through 0x13
HSYNC
OUT
VSYNC
OUT
COAST
GENERATION
0x11, 0x12, 0x13[2]
XTAL
IN
XTAL
OUT
0: ÷1
0x13
[6]
1: ÷2
÷2
XTALCLOCK
OUT
Output
Formatter
0x18,
0x19,
0x1A
Pixel Data
from AFE
24
R
P[7:0]
R
S[7:0]
G
P[7:0]
G
S[7:0]
B
P[7:0]
B
S[7:0]
DATACLK
HS
OUT
VS
OUT
SOG
IN
SOG
SLICER
0x1C
SOG
SLICER
0x1C
00, 10,
11:
HSYNC
IN
0x05[4:3]
01:
SOG
IN
1:
SYNC
SPLTR
0x05[3]
0:
VSYNC
IN
CLOCKINV
IN
HS
PIXCLK
CSYNC
SOURCE
SYNC
TYPE
VSYNC
DATACLK
FIGURE 8. SYNC FLOW
Gain
V
V
----


0.5 GainCode
170
-----------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com