Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 12Page - Renesas Technology Corp X98021 Datasheet HTML 13Page - Renesas Technology Corp X98021 Datasheet HTML 14Page - Renesas Technology Corp X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp X98021 Datasheet HTML 18Page - Renesas Technology Corp X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 16 of 29
March 8, 2006
image quality and requiring that the user do a manual
calibration once the monitor has warmed up.
In addition to drift, many AFEs exhibit interaction between the
offset and gain controls. When the gain is changed, the
magnitude of the offset is changed as well. This again
increases the complexity of the firmware as it tries to optimize
gain and offset settings for a given video input signal. Instead
of adjusting just the offset, then the gain, both have to be
adjusted interactively until the desired ADC output is reached.
The X98021 simplifies offset and gain adjustment and
completely eliminates offset drift using its Automatic Black
Level Compensation (ABLC™) function. ABLC™ monitors the
black level and continuously adjusts the X98021's 10 bit offset
DACs to null out the offset. Any offset, whether due to the
video source or the X98021's analog amplifiers, is eliminated
with 10 bit (1/4 of an 8 bit ADC LSB) accuracy. Any drift is
compensated for well before it can have a visible effect.
Manual offset adjustment control is still available - an 8 bit
register allows the firmware to adjust the offset ±64 codes in
exactly 1 ADC LSB increments. And gain is now completely
independent of offset - adjusting the gain no longer affects the
offset, so there is no longer a need to program the firmware to
cope with interactive offset and gain controls.
Finally, there should be no concerns over ABLC™ itself
introducing visible artifacts; it doesn't. ABLC™ operates at a
very low frequency, changing the offset in 1/4 LSB increments,
so it doesn't cause visible brightness fluctuations. And once
ABLC™ is locked, if the offset doesn't drift, the DACs won't
change. If desired, ABLC™ can be disabled, allowing the
firmware to work in the traditional way, with 10 bit offset DACs
under the firmware's control.
Gain and Offset Control
To simplify image optimization algorithms, the X98021 features
fully-independent gain and offset adjustment. Changing the
gain does not affect the DC offset, and the weight of an Offset
DAC LSB does not vary depending on the gain setting.
The full-scale gain is set in the three 8-bit registers (0x06-
0x08). The X98021 can accept input signals with amplitudes
ranging from 0.35VP-P to 1.4VP-P.
The offset controls shift the entire RGB input range, changing
the input image brightness. Three separate registers provide
independent control of the R, G, and B channels. Their nominal
setting is 0x80, which forces the ADC to output code 0x00 (or
0x80 for U and V channels in YUV mode) during the back
porch period when ABLC™ is enabled.
Functional Description
Inputs
The X98021 digitizes analog video inputs in both RGB and
Component (YPbPr) formats, with or without embedded sync
(SOG).
RGB Inputs
For RGB inputs, the black/blank levels are identical and equal
to 0V. The range for each color is typically 0V to 0.7V from
black to white. HSYNC and VSYNC are separate signals.
Component YUV Inputs
In addition to RGB and RGB with SOG, the X98021 has an
option that is compatible with the component YPbPr and
YCbCr video inputs typically generated by DVD players. While
the X98021 digitizes signals in these color spaces, it does not
perform color space conversion; if it digitizes an RGB signal, it
outputs digital RGB, while if it digitizes a YPbPr signal, it
outputs digital YPbPr. For simplicity’s sake we will call these
non-RGB signals YUV.
The Luminance (Y) signal is applied to the Green Channel and
is processed in a manner identical to the Green input with SOG
described previously. The color difference signals U and V are
bipolar and swing both above and below the black level. When
the YUV mode is enabled, the black level output for the color
difference channels shifts to a mid scale value of 0x80. Setting
configuration register 0x05[2] = 1 enables the YUV signal
processing mode of operation.
The X98021 can optionally decimate the incoming data to
provide a 4:2:2 output stream (configuration register 0x18[4] =
1) as shown in Table 2.
TABLE 1. YUV MAPPING (4:4:4)
INPUT
SIGNAL
X98021
INPUT
CHANNEL
X98021
OUTPUT
ASSIGNMENT
OUTPUT
SIGNAL
Y
Green
Green
Y0Y1Y2Y3
UBlue
Blue
U0U1U2U3
VRed
Red
V0V1V2V3
TABLE 2. YUV MAPPING (4:2:2)
INPUT
SIGNAL
X98021
INPUT
CHANNEL
X98021
OUTPUT
ASSIGNMENT
OUTPUT
SIGNAL
Y
Green
Green
Y0Y1Y2Y3
U
Blue
Blue
driven low
VRed
Red
U0V1U2V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com