Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp X98021 Datasheet HTML 27Page - Renesas Technology Corp X98021 Datasheet HTML 28Page - Renesas Technology Corp X98021 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 27 of 29
March 8, 2006
X98021 Serial Bus Address Write
This is the 7 bit address of the X98021 on the 2 wire bus. The
address is 0x4C if pin 48 is low, 0x4D if pin 48 is high. Shift this
value to left when adding the R/W bit
D7
D6
D5
D2
D4
D3
D1
D0
A0
A7
A2
A4
A3
A1
X98021 Register Data Write(s)
This is the data to be written to the X98021’s configuration register.
Note: The X98021’s Configuration Register’s address pointer auto
increments after each data write: repeat this step to write multiple
sequential bytes of data to the Configuration Register.
A6
A5
1
00
0
1
A
(pin 48)
0
1
R/W
X98021 Register Address Write
This is the address of the X98021’s configuration register that
the following byte will be written to.
X98021 Serial Bus Address
START Command
STOP Command
(Repeat if desired)
Signals the beginning of serial I/O
Signals the ending of serial I/O
S
T
A
R
T
S
T
O
P
Data
Write*
Register
Address
Serial Bus
Address
A
C
K
aaaaaaaa
A
C
K
dddddddd
A
C
K
100110 A 0
* The data write step may be repeated to write to the X98021’s
Configuration Register sequentially, beginning at the Register
Address written in the previous step.
SDA Bus
Signals from
the X98021
Signals from
the Host
FIGURE 15. CONFIGURATION REGISTER WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com