Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 10Page - Renesas Technology Corp X98021 Datasheet HTML 11Page - Renesas Technology Corp X98021 Datasheet HTML 12Page - Renesas Technology Corp X98021 Datasheet HTML 13Page - Renesas Technology Corp X98021 Datasheet HTML 14Page - Renesas Technology Corp X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp X98021 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 14 of 29
March 8, 2006
0x17
ABLC™ Configuration (0x40)
0
ABLC™ disable
0: ABLC™ enabled (default)
1: ABLC™ disabled
1
Reserved
Set to 0.
3:2
ABLC™ pixel width
Number of black pixels averaged every line for ABLC™
function
00: 16 pixels [default]
01: 32 pixels
10: 64 pixels
11: 128 pixels
6:4
ABLC™ bandwidth
ABLC™ Time constant (lines) = 2(5+[6:4])
000 = 32 lines
100 = 512 lines (default)
111 = 4096 lines
7
Reserved
Set to 0.
0x18
Output Format (0x00)
0
Bus Width
0: 24 bits: Data output on RP, GP, BP only; RS, GS, BS are all
driven low (default)
1: 48 bits: Data output on RP, GP, BP, RS, GS, BS
1
Interleaving
(48 bit mode only)
0: No interleaving: data changes on same edge of DATACLK
(default)
1: Interleaved: Secondary databus data changes on
opposite edge of DATACLK from primary databus
2Bus Swap
(48 bit mode only)
0: First data byte after trailing edge of HSOUT appears on
RP, GP, BP (default)
1: First data byte after trailing edge of HSOUT appears on
RS, GS, BS (primary and secondary busses are reversed)
3
Reserved
Set to 0.
4
422
(24 bit mode only)
0: Data is formatted as 4:4:4 (RGB, default)
1: Data is decimated to 4:2:2 (YUV), blue channel is driven
low
5DATACLK
Polarity
0: HSOUT, VSOUT, and Pixel Data change on falling edge of
DATACLK (default)
1: HSOUT, VSOUT, and Pixel Data change on rising edge of
DATACLK
6
VSOUT Polarity
0: Active High (default)
1: Active Low
7
HSOUT Polarity
0: Active High (default)
1: Active Low
0x19
HSOUT Width (0x10)
7:0
HSOUT Width
HSOUT width, in pixels. Minimum value is 0x01 for 24 bit
modes, 0x02 for 48 bit modes.
0x1A
Output Signal Disable (0x00)
0
Three-state RP[7:0]
0 = Output byte enabled
1 = Output byte three-stated
These bits override all other I/O settings
Output data pins have 58k
 pulldown resistors to GNDD.
1
Three-state RS[7:0]
2
Three-state GP[7:0]
3
Three-state GS[7:0]
4
Three-state BP[7:0]
5
Three-state BS[7:0]
6
Three-state
DATACLK
0 = DATACLK enabled
1 = DATACLK three-stated
7
Three-state
DATACLK
0 = DATACLK enabled
1 = DATACLK three-stated
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(s)
FUNCTION NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com