Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 13Page - Renesas Technology Corp X98021 Datasheet HTML 14Page - Renesas Technology Corp X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp X98021 Datasheet HTML 18Page - Renesas Technology Corp X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 17 of 29
March 8, 2006
Input Coupling
Inputs can be either AC-coupled (default) or DC-coupled (see
register 0x05[1]). AC coupling is usually preferred since it
allows video signals with substantial DC offsets to be
accurately digitized. The X98021 provides a complete internal
DC-restore function, including the DC restore clamp (See
Figure 7) and programmable clamp timing (registers 0x14,
0x15, 0x16, and 0x23).
When AC-coupled, the DC restore clamp is applied every line,
a programmable number of pixels after the trailing edge of
HSYNC. If register 0x05[5] = 0 (the default), the clamp will not
be applied while the DPLL is coasting, preventing any clamp
voltage errors from composite sync edges, equalization pulses,
or Macrovision signals.
After the trailing edge of HSYNC, the DC restore clamp is
turned on after the number of pixels specified in the DC
Restore and ABLC™ Starting Pixel registers (0x14 and 0x15)
has been reached. The clamp is applied for the number of
pixels specified by the DC Restore Clamp Width Register
(0x16). The clamp can be applied to the back porch of the
video, or to the front porch (by increasing the DC Restore and
ABLC™ Starting Pixel registers so all the active video pixels
are skipped).
If DC-coupled operation is desired, the input to the ADC will be
the difference between the input signal (RIN1, for example) and
that channel’s ground reference (RGBGND1 in that example).
SOG
For component YUV signals, the sync signal is embedded on
the Y channel’s video, which is connected to the green input,
hence the name SOG (Sync on Green). The horizontal sync
information is encoded onto the video input by adding the sync
tip during the blanking interval. The sync tip level is typically
0.3V below the video black level.
To minimize the loading on the green channel, the SOG input
for each of the green channels should be AC-coupled to the
X98021 through a series combination of a 10nF capacitor and
a 500
 resistor. Inside the X98021, a window comparator
compares the SOG signal with an internal 4 bit programmable
threshold level reference ranging from 0mV to 300mV below
the minimum sync level. The SOG threshold level, hysteresis,
and low-pass filter is programmed via register 0x04. If the
Sync-On-Green function is not needed, the SOGIN pin(s) may
be left unconnected.
R(GB)IN1
VCLAMP
VIN+
VIN–
DC Restore
Clamp DAC
VGA1
CLAMP
GENERATION
DC Restoration
Automatic Black Level
Compensation (ABLC™) Loop
Bandwidth
Control
Offset
Control
Registers
8 bit ADC
Offset
ADC
To Output
Formatter
Fixed
Offset
Fixed
Offset
0x00
ABLC™
ABLC™
ABLC™
10
10
10
8
8
8
8
8
PGA
To
ABLC
Block
Input
Bandwidth
VGA2
R(GB)GND1
R(GB)IN2
R(GB)GND2
FIGURE 7. VIDEO FLOW (INCLUDING ABLC™)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com