Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp X98021 Datasheet HTML 18Page - Renesas Technology Corp X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 19 of 29
March 8, 2006
Table 3 shows the corner frequency for different register
settings.
Register 0x0D[7:4] controls a programmable zero, allowing high
frequencies to be boosted, restoring some of the harmonics lost
due to excessive EMI filtering, cable losses, etc. This control has
a very large range, and can introduce high frequency noise into
the image, so it should be used judiciously, or as an advanced
user adjustment.
Table 4 shows the corner frequency of the zero for different
peaking register settings.
Offset DAC
The X98021 features a 10 bit Digital-to-Analog Converter
(DAC) to provide extremely fine control over the full channel
offset. The DAC is placed after the PGA to eliminate interaction
between the PGA (controlling “contrast”) and the Offset DAC
(controlling “brightness”).
In normal operation, the Offset DAC is controlled by the
ABLC™ circuit, ensuring that the offset is always reduced to
sub-LSB levels (See the following ABLC™ section for more
information). When ABLC™ is enabled, the Offset registers
(0x09, 0x0A, 0x0B) control a digital offset added to or
subtracted from the output of the ADC. This mode provides
the best image quality and eliminates the need for any offset
calibration.
If desired, ABLC™ can be disabled (0x17[0]=1) and the Offset
DAC programmed manually, with the 8 most significant bits in
registers 0x09, 0x0A, 0x0B, and the 2 least significant bits in
register 0x0C[7:2].
The default Offset DAC range is ±127 ADC LSBs. Setting
0x0C[0]=1 reduces the swing of the Offset DAC by 50%,
making 1 Offset DAC LSB the weight of 1/8th of an ADC LSB.
This provides the finest offset control and applies to both
ABLC™ and manual modes.
Automatic Black Level Compensation (ABLC™)
ABLC is a function that continuously removes all offset errors
from the incoming video signal by monitoring the offset at the
output of the ADC and servoing the 10 bit analog DAC to force
those errors to zero. When ABLC is enabled, the user offset
control is a digital adder, with 8 bit resolution (See Table 5).
When the ABLC function is enabled (0x17[0]=0), the ABLC
function is executed every line after the trailing edge of
HSYNC. If register 0x05[5] = 0 (the default), the ABLC function
will not be triggered while the DPLL is coasting, preventing any
composite sync edges, equalization pulses, or Macrovision
signals from corrupting the black data and potentially adding a
small error in the ABLC accumulator.
After the trailing edge of HSYNC, the start of ABLC is delayed by
the number of pixels specified in registers 0x14 and 0x15. After
that delay, the number of pixels specified by register 0x17[3:2]
are averaged together and added to the ABLC’s accumulator.
The accumulator stores the average black levels for the number
of lines specified by register 0x17[6:4], which is then used to
generate a 10 bit DAC value.
The default values provide excellent results with offset stability
and absolute accuracy better than 1 ADC LSB for most input
signals. Increasing the ABLC pixel width or the ABLC
bandwidth settings decreases the ABLC’s absolute DC error
further.
ADC
The X98021 features 3 fully differential, 210MSPS 8 bit ADCs.
TABLE 3. BANDWIDTH CONTROL
0x0D[3:0] VALUE
(LSB = “x” =
“don’t care”)
AFE BANDWIDTH
000x
100MHz
001x
130MHz
010x
150MHz
011x
180MHz
100x
230MHz
101x
320MHz
110x
480MHz
111x
780MHz
TABLE 4. PEAKING CORNER FREQUENCIES
0X0D[7:4] VALUE
ZERO CORNER FREQUENCY
0x0
Peaking disabled
0x1
800MHz
0x2
400MHz
0x3
265MHz
0x4
200MHz
0x5
160MHz
0x6
135MHz
0x7
115MHz
0x8
100MHz
0x9
90MHz
0xA
80MHz
0xB
70MHz
0xC
65MHz
0xD
60MHz
0xE
55MHz
0xF
50MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com