Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp X98021 Datasheet HTML 18Page - Renesas Technology Corp X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 20 of 29
March 8, 2006
Clock Generation
A Digital Phase Lock Loop (DPLL) is employed to generate the
pixel clock frequency. The HSYNC input and the external XTAL
provide a reference frequency to the PLL. The PLL then
generates the pixel clock frequency that is equal to the
incoming HSYNC frequency times the HTOTAL value
programmed into registers 0x0E and 0x0F.
The stability of the clock is very important and correlates
directly with the quality of the image. During each pixel time
transition, there is a small window where the signal is slewing
from the old pixel amplitude and settling to the new pixel value.
At higher frequencies, the pixel time transitions at a faster rate,
which makes the stable pixel time even smaller. Any jitter in the
pixel clock reduces the effective stable pixel time and thus the
sample window in which pixel sampling can be made
accurately.
Sampling Phase
The X98021 provides 64 low-jitter phase choices per pixel
period, allowing the firmware to precisely select the optimum
sampling point. The sampling phase register is 0x10.
HSYNC Slicer
To further minimize jitter, the HSYNC inputs are treated as
analog signals, and brought into a precision slicer block with
thresholds programmable in 400mV steps with 240mV of
hysteresis, and a subsequent digital glitch filter that ignores
any HSYNC transitions within 100ns of the initial transition.
This processing greatly increases the AFE’s rejection of ringing
and reflections on the HSYNC line and allows the AFE to
perform well even with pathological HSYNC signals.
Voltages given above and in the HSYNC Slicer register
description are with respect to a 3.3V sync signal at the
HSYNCIN input pin. To achieve 5V compatibility, a 680 series
resistor should be placed between the HSYNC source and the
HSYNCIN input pin. Relative to a 5V input, the hysteresis will
be 240mV*5V/3.3V = 360mV, and the slicer step size will be
400mV*5V/3.3V = 600mV per step.
The best HSYNC slicer threshold is generally 800mV (001b)
when locking on the rising edge of an HSYNC signal, or 2.4V
(110b) when locking on the falling edge.
SOG Slicer
The SOG input has programmable threshold, 40mV of
hysteresis, and an optional low pass filter than can be used to
remove high frequency video spikes (generated by
overzealous video peaking in a DVD player, for example) that
can cause false SOG triggers. The SOG threshold sets the
comparator threshold relative to the sync tip (the bottom of the
SOG pulse). A good default SOG slicer threshold setting is
0x16 (hysteresis and low pass filter enabled, threshold lowered
slightly to accommodate weak sync tips).
SYNC Status and Polarity Detection
The SYNC Status register (0x01) and the SYNC Polarity
register (0x02) continuously monitor all 6 sync inputs
(VSYNCIN, HSYNCIN, and SOGIN for each of 2 channels) and
report their status. However, accurate sync activity detection is
always a challenge. Noise and repetitive video patterns on the
Green channel may look like SOG activity when there actually
is no SOG signal, while non-standard SOG signals and trilevel
sync signals may have amplitudes below the default SOG
slicer levels and not be easily detected. As a consequence, not
all of the activity detect bits in the X980xx are correct under all
conditions.
Table 6 shows how to use the SYNC Status register (0x01) to
identify the presence of and type of a sync source. The
firmware should go through the table in the order shown,
stopping at the first entry that matches the activity indicators in
the SYNC Status register.
Final validation of composite sync sources (SOG or Composite
sync on HSYNC) should be done by setting the Input
Configuration register (0x05) to the composite sync source
determined by this table, and confirming that the CSYNC
detect bit is set.
The accuracy of the Trilevel Sync detect bit can be increased
by multiple reads of the Trilevel Sync detect bit. See the
Trilevel Sync Detect section for more details.
For best SOG operation, the SOG low pass filter (register
0x04[4]) should always be enabled to reject the high frequency
peaking often seen on video signals.
TABLE 5. OFFSET DAC RANGE AND OFFSET DAC ADJUSTMENT
OFFSET
DAC
RANGE
0x0C[0]
10 BIT
OFFSET DAC
RESOLUTION
ABLC™
0x17[0]
USER OFFSET CONTROL RESOLUTION
USING
REGISTERS 0x09 - 0x0B ONLY
(8 BIT OFFSET CONTROL)
USER OFFSET CONTROL RESOLUTION
USING
REGISTERS 0x09 - 0x0B AND 0x0C[7:2]
(10 BIT OFFSET CONTROL)
0
0.25 ADC LSBs
(0.68mV)
0
(ABLC on)
1 ADC LSB
(digital offset control)
N/A
1
0.125 ADC LSBs
(0.34mV)
0
(ABLC on)
1 ADC LSB
(digital offset control)
N/A
0
0.25 ADC LSBs
(0.68mV)
1
(ABLC off)
1.0 ADC LSB
(analog offset control)
0.25 ADC LSB
(analog offset control)
1
0.125 ADC LSBs
(0.34mV)
1
(ABLC off)
0.5 ADC LSB
(analog offset control)
0.125 ADC LSB
(analog offset control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com