Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp X98021 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 23 of 29
March 8, 2006
Crystal Oscillator
An external 23MHz to 27MHz crystal supplies the low-jitter
reference clock to the DPLL. The absolute frequency of this
crystal within this range is unimportant, as is the crystal’s
temperature coefficient, allowing use of less expensive, lower-
grade crystals.
EMI Considerations
There are two possible sources of EMI on the X98021:
• Crystal oscillator. The EMI from the crystal oscillator is
negligible. This is due to an amplitude-regulated, low voltage
sine wave oscillator circuit, instead of the typical high-gain
square wave inverter-type oscillator, so there are no
harmonics. The crystal oscillator is not a significant source of
EMI.
• Digital output switching. This is the largest potential
source of EMI. However, the EMI is determined by the PCB+
layout and the loading on the databus. The way to control
this is to put series resistors on the output of all the digital
pins. These resistor values should be adjusted to optimize
signal quality on the bus. Intersil recommends starting with
22
 and adjusting as necessary for the particular PCB
layout and device loading.
Recommendations for minimizing EMI are:
• Minimize the databus trace length
• Minimize the databus capacitive loading.
If EMI is a problem in the final design, increase the value of the
digital output series resistors to reduce slew rates on the bus.
This can only be done as long as the scaler’s setup and hold
timing requirements continue to be met.
Alternate Pixel Sampling
Two X98021s (AFEA and AFEB) may be used simultaneously
to achieve effective sample rates greater than 210MHz. Each
AFE is programmed with an HTOTAL value equal to one-half of
the total number of pixels in a line. The CLOCKINVIN pin for
AFEA is tied to ground, AFEB is tied to VD. Both AFEs are
otherwise programmed identically, though some minor phase
adjustment may be needed to compensate for any propagation
delay mismatch between the two AFEs.
The CLOCKINVIN setting shifts the phase of AFEB by 180
degrees from AFEA. AFEA now samples the even pixels on the
rising edge of its DATACLK, while AFEB samples the odd
pixels on the rising edge of its clock. With each AFE in 24 bit
mode, two 24 bit data streams are generated (Figure 9).
With both AFEs configured for 48 bit mode, a 96 bit datastream
is generated (Figure 10).
In both cases, AFEA and AFEB are on different DATACLK
domains. In 24 bit mode, the data from each AFE must be
latched on the rising edge of that AFE’s DATACLK. In 48 bit
mode, the frequencies are low enough that the rising edge of
AFE B can be used to capture both AFEB and AFEA data.
HSYNC
IN
(to A and B)
DATACLK (A)
DATA (A)
HS
OUT (A)
DATACLK (B)
DATA (B)
HS
OUT (B)
DPLL Lock Edge
½ DATACLK Delay
CLKINV
IN (A) = GNDD
CLKINV
IN (B) = VD
D
0
D
2
D
3
D
N
D
1
D
N-3
D
N-1
D
N-2
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
P
10
P
11
P
12
P
N-3 PN-2
P
N-1
P
N
Analog Video In
(to A and B)
FIGURE 9. ALTERNATE PIXEL SAMPLING (24 BIT MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com