Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 2Page - Renesas Technology Corp X98021 Datasheet HTML 3Page - Renesas Technology Corp X98021 Datasheet HTML 4Page - Renesas Technology Corp X98021 Datasheet HTML 5Page - Renesas Technology Corp X98021 Datasheet HTML 6Page - Renesas Technology Corp X98021 Datasheet HTML 7Page - Renesas Technology Corp X98021 Datasheet HTML 8Page - Renesas Technology Corp X98021 Datasheet HTML 9Page - Renesas Technology Corp X98021 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 6 of 29
March 8, 2006
DATACLK
tSETUP
tHOLD
DATACLK
Pixel Data
FIGURE 2. DATA OUTPUT SETUP AND HOLD TIMING
Programmable
Width and Polarity
Analog
Video In
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
D
0
R
P/GP/BP[7:0]
HS
OUT
8.5 DATACLK Pipeline Latency
R
S/GS/BS[7:0]
P
10
P
11
P
12
D
1
D
2
D
3
HSYNC
IN
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
The sampling phase setting determines its relative position to the rest of the AFE’s output signals
DATACLK
t
HSYNCin-to-HSout = 7.5ns + (PHASE/64 +8.5)*tPIXEL
FIGURE 3. 24 BIT OUTPUT MODE
Programmable
Width and Polarity
Analog
Video In
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
HS
OUT
8.5 DATACLK Pipeline Latency
P
10
P
11
P
12
HSYNC
IN
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
The sampling phase setting determines its relative position to the rest of the AFE’s output signals
DATACLK
G
0 (Yo)
G
1 (Y1)G2 (Y2)
B
0 (Uo)R1 (V1)B2 (U2)
G
P[7:0]
R
P[7:0]
B
P[7:0]
t
HSYNCin-to-HSout = 7.5ns + (PHASE/64 +8.5)*tPIXEL
FIGURE 4. 24 BIT 4:2:2 OUTPUT MODE (FOR YUV SIGNALS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com