Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp X98021 Datasheet HTML 27Page - Renesas Technology Corp X98021 Datasheet HTML 28Page - Renesas Technology Corp X98021 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 28 of 29
March 8, 2006
X98021 Serial Bus Address Write
This is the 7 bit address of the X98021 on the 2 wire bus. The
address is 0x4C if pin 48 is low, 0x4D if pin 48 is high. R/W = 0,
indicating next transaction will be a write.
A0
A7
A2
A4
A3
A1
A6
A5
1
00
0
1
A
(pin 48)
0
1
R/W
X98021 Register Address Write
This sets the initial address of the X98021’s configuration
register for subsequent reading
X98021 Serial Bus Address
START Command
Signals the beginning of serial I/O
X98021 Serial Bus Address Write
This is the 7 bit address of the X98021 on the 2 wire bus. The
address is 0x4C if pin 48 is low, 0x4D if pin 48 is high. R/W = 1,
indicating next transaction(s) will be a read.
D7
D6
D5
D2
D4
D3
D1
D0
X98021 Register Data Read(s)
This is the data read from the X98021’s configuration register.
Note: The X98021’s Configuration Register’s address pointer auto
increments after each data read: repeat this step to read multiple
sequential bytes of data from the Configuration Register.
1
00
0
1
A
(pin 48)
1
1
R/W
X98021 Serial Bus Address
START Command
STOP Command
(Repeat if desired)
Ends the previous transaction and starts a new one
Signals the ending of serial I/O
S
T
A
R
T
S
T
O
P
Data
Read*
SDA Bus
Signals from
the X98021
Signals from
the Host
Register
Address
Serial Bus
Address
A
C
K
aaaaaaaa
A
C
K
dddddddd
A
C
K
100110 A 0
* The data read step may be repeated to read
from the X98021’s Configuration Register
sequentially, beginning at the Register
Address written in the two steps previous.
R
E
S
T
A
R
T
Serial Bus
Address
A
C
K
100110 A 1
FIGURE 16. CONFIGURATION REGISTER READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com