Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X98021 Datasheet HTML 1Page - Renesas Technology Corp X98021 Datasheet HTML 2Page - Renesas Technology Corp X98021 Datasheet HTML 3Page - Renesas Technology Corp X98021 Datasheet HTML 4Page - Renesas Technology Corp X98021 Datasheet HTML 5Page - Renesas Technology Corp X98021 Datasheet HTML 6Page - Renesas Technology Corp X98021 Datasheet HTML 7Page - Renesas Technology Corp X98021 Datasheet HTML 8Page - Renesas Technology Corp X98021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 2 of 29
March 8, 2006
Block Diagram
Ordering Information
PART NUMBER
PART MARKING
MAXIMUM PIXEL
RATE
TEMP RANGE
(°C)
PACKAGE
X98021L128-3.3
X98021L-3.3
210MHz
0 to 70
128 MQFP
X98021L128-3.3-Z (See Note)
X98021L-3.3Z
210MHz
0 to 70
128 MQFP (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
G
IN1
RGB
GND1
G
IN2
RGB
GND2
V
IN+
V
IN-
PGA
8 bit ADC
+
V
CLAMP
R
IN1
R
IN2
V
IN+
V
IN-
PGA
8 bit ADC
+
V
CLAMP
B
IN1
B
IN2
V
IN+
V
IN-
PGA
8 bit ADC
+
V
CLAMP
Offset
DAC
Offset
DAC
Offset
DAC
ABLC™
ABLC™
ABLC™
8
10
8
10
8
10
8
B
S[7:0]
8
B
P[7:0]
8
G
S[7:0]
8
G
P[7:0]
8
R
S[7:0]
8
R
P[7:0]
SOG
IN1
SOG
IN2
HSYNC
IN1
HSYNC
IN2
VSYNC
IN1
VSYNC
IN2
CLOCKINV
XTAL
IN
XTAL
OUT
SCL
SDA
SADDR
Sync
Processing
Digital PLL
AFE Configuration
and Control
DATACLK
DATACLK
HS
OUT
VS
OUT
Serial
Interface
HSYNC
OUT
VSYNC
OUT
XTALCLK
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com