Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X98021 Datasheet HTML 1Page - Renesas Technology Corp X98021 Datasheet HTML 2Page - Renesas Technology Corp X98021 Datasheet HTML 3Page - Renesas Technology Corp X98021 Datasheet HTML 4Page - Renesas Technology Corp X98021 Datasheet HTML 5Page - Renesas Technology Corp X98021 Datasheet HTML 6Page - Renesas Technology Corp X98021 Datasheet HTML 7Page - Renesas Technology Corp X98021 Datasheet HTML 8Page - Renesas Technology Corp X98021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 4 of 29
March 8, 2006
Input capacitance
5pF
DIGITAL INPUT CHARACTERISTICS (SDA, SADDR, CLOCKINVIN, RESET)
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
I
Input leakage current
RESET has a 70k
 pullup to VD
±10
nA
Input capacitance
5pF
SCHMITT DIGITAL INPUT CHARACTERISTICS (SCL, VSYNCIN1, VSYNCIN2)
VT+
Low to High Threshold Voltage
1.45
V
VT-
High to Low Threshold Voltage
0.95
V
I
Input leakage current
±10
nA
Input capacitance
5pF
DIGITAL OUTPUT CHARACTERISTICS (DATACLK, DATACLK)
VOH
Output HIGH Voltage, IO = 16mA
2.4
V
VOL
Output LOW Voltage, IO = -16mA
0.4
V
DIGITAL OUTPUT CHARACTERISTICS (RP, GP, BP, RS, GS, BS, HSOUT, VSOUT, HSYNCOUT, VSYNCOUT)
VOH
Output HIGH Voltage, IO = 8mA
2.4
V
VOL
Output LOW Voltage, IO = -8mA
0.4
V
RTRI
Pulldown to GNDD when three-state
RP, GP, BP, RS, GS, BS only
58
k
DIGITAL OUTPUT CHARACTERISTICS (SDA, XTALCLKOUT)
VOH
Output HIGH Voltage, IO = 4mA
XTALCLKOUT only; SDA is open-drain
2.4
V
VOL
Output LOW Voltage, IO = -4mA
0.4
V
POWER SUPPLY REQUIREMENTS
VA
Analog Supply Voltage
3
3.3
3.6
V
VD
Digital Supply Voltage
3
3.3
3.6
V
VX
Crystal Oscillator Supply Voltage
3
3.3
3.6
V
IA
Analog Supply Current
Operating
185
200
mA
ID
Digital Supply Current
Operating (grayscale)
145
160
mA
IX
Crystal Oscillator Supply Current
0.7
2
mA
PD
Total Power Dissipation
Operating (average)
1.1
1.3
W
Power-down Mode
50
80
mW
JA
Thermal Resistance, Junction to Ambient
30
°C/W
AC TIMING CHARACTERISTICS
PLL Jitter
250
450
ps p-p
Sampling Phase Steps
5.6° per step
64
Sampling Phase Tempco
±1
ps/°C
Sampling Phase Differential Nonlinearity
Degrees out of 360°
±3
°
HSYNC Frequency Range
10
150
kHz
fXTAL
Crystal Frequency Range
23
25
27
MHz
Electrical Specifications
Specifications apply for VA = VD = VX = 3.3V, pixel rate = 210MHz, fXTAL = 25MHz, TA = 25°C,
unless otherwise noted (Continued)
SYMBOL
PARAMETER
COMMENT
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com