Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 9Page - Renesas Technology Corp X98021 Datasheet HTML 10Page - Renesas Technology Corp X98021 Datasheet HTML 11Page - Renesas Technology Corp X98021 Datasheet HTML 12Page - Renesas Technology Corp X98021 Datasheet HTML 13Page - Renesas Technology Corp X98021 Datasheet HTML 14Page - Renesas Technology Corp X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp X98021 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 13 of 29
March 8, 2006
0x0D
AFE Bandwidth (0x0E)
0
Unused
Value doesn’t matter
3:1
AFE BW
3dB point for AFE lowpass filter
000: 100MHz
111: 780MHz (default)
7:4
Peaking
0000: Disabled (default) See Bandwidth and Peaking
Control section for more information
0x0E
PLL Htotal MSB (0x03)
5:0
PLL Htotal MSB
14 bit HTOTAL (number of active pixels) value
The minimum HTOTAL value supported is 0x200.
HTOTAL to PLL is updated on LSB write only.
0x0F
PLL Htotal LSB (0x20)
7:0
PLL Htotal LSB
0x10
PLL Sampling Phase (0x00)
5:0
PLL Sampling Phase Used to control the phase of the ADC’s sample point relative
to the period of a pixel. Adjust to obtain optimum image
quality. One step = 5.625° (1.56% of pixel period).
0x11
PLL Pre-coast (0x08)
7:0
Pre-coast
Number of lines the PLL will coast prior to the start of
VSYNC. Applies only to internally generated COAST
signals.
0x12
PLL Post-coast (0x00)
7:0
Post-coast
Number of lines the PLL will coast after the end of VSYNC.
Applies only to internally generated COAST signals.
0x13
PLL Misc (0x00)
0
PLL Lock Edge
HSYNC1
0: Lock on trailing edge of HSYNC1 (default)
1: Lock on leading edge of HSYNC1
1
PLL Lock Edge
HSYNC2
0: Lock on trailing edge of HSYNC2 (default)
1: Lock on leading edge of HSYNC2
2
Reserved
Set to 0.
3CLKINVIN Pin
Disable
0: CLKINVIN pin enabled (default)
1: CLKINVIN pin disabled (internally forced low)
5:4
CLKINVIN Pin
Function
00: CLKINV (default)
01: External CLAMP (see Note)
10: External COAST
11: External PIXCLK
Note: the CLAMP pulse is used to
- perform a DC restore (if enabled)
- start the ABLC™ function (if enabled), and
- update the data to the Offset DACs (always).
When in the default internal CLAMP mode, the X98021
automatically generates the CLAMP pulse. If External
CLAMP is selected, the Offset DAC values will only change
on the leading edge of CLAMP. If there is no internal clamp
signal, there will be up to a 100ms delay between when the
PGA gain or offset DAC register is written to, and when the
PGA or offset DAC is actually updated.
6
XTALCLKOUT
Frequency
0: XTALCLKOUT= fCRYSTAL (default)
1: XTALCLKOUT= fCRYSTAL/2
7
Disable
XTALCLKOUT
0 = XTALCLKOUT enabled
1 = XTALCLKOUT is logic low
0x14
DC Restore and ABLC™ starting
pixel MSB (0x00)
4:0
DC Restore and
ABLC™ starting
pixel (MSB)
Pixel after HSYNCIN trailing edge to begin
DC restore and ABLC™ functions. 13 bits.
Set this register to the first stable black pixel following the
trailing edge of HSYNCIN.
0x15
DC Restore and ABLC™ starting
pixel LSB (0x00)
7:0
DC Restore and
ABLC™ starting
pixel (LSB)
0x16
DC Restore Clamp Width
(0x10)
7:0
DC Restore clamp
width (pixels)
Width of DC restore clamp used in AC-coupled
configurations. Has no effect on ABLC™. Minimum value is
0x02 (a setting of 0x01 or 0x00 will not generate a clamp
pulse).
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(s)
FUNCTION NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com