Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp X98021 Datasheet HTML 27Page - Renesas Technology Corp X98021 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 24 of 29
March 8, 2006
.
Initialization
The X98021 initializes with default register settings for an AC-
coupled, RGB input on the VGA1 channel, with a 24 bit output.
The following registers should be written to fully enable the
chip:
• Register 0x1C should be set to 0x49 to improve DPLL
performance in video modes
• Register 0x23 should be set to 0x78 to enable the DC
Restore function
Reset
The X98021 has a Power-On Reset (POR) function that resets
the chip to its default state when power is initially applied,
including resetting all the registers to their default settings as
described in the Register Listing. The external RESET pin
duplicates the reset function of the POR without having to
cycle the power supplies. The RESET pin does not need to be
used in normal operation and can be tied high.
Rare CSYNC Considerations
Intersil has discovered one anomaly in its sync separator
function. If the CSYNC signal shown in Figure 11 is present on
the HSYNC input, and the sync source is set to CSYNC on
HSYNC, HSOUT may sporadically lock to the wrong edge of
HSYNCIN. This will cause the HSOUT to have the wrong
position relative to pixel 0, resulting in the image shifting left or
right by the width of the HSYNCIN signal for about 1 second
before it corrects itself.
This only happens with the exact waveshape shown in Figure
11. If the polarity of the sync signal is inverted from that shown
in Figure 11, the problem will not occur. If there are any
serrations during the VSYNC period, the problem will not
occur. The problem also will not occur if the sync signal is on
the SOG input.
This is a rarely used composite sync format; in most
applications it will never be encountered. However if this
CSYNC waveform must be supported, there is a simple
applications solution using an XOR gate.
HSYNC
IN
(to A and B)
PIXELCLK (A)
(Internal)
DATA
PRI (A)
HS
OUT (A)
DPLL Lock Edge
½ PIXELCLK = ¼ DATACLK Delay
CLKINV
IN (A) = GNDD
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
P
10
P
11
P
12
P
N-3 PN-2
P
N-1
P
N
Analog Video In
(to A and B)
DATA
SEC (A)
DATACLK (A)
D
0
D
2
D
N-3
D
N-1
CLKINV
IN (B) = GNDD
D
1
D
3
D
N-2
D
N
PIXELCLK (B)
(Internal)
DATA
PRI (B)
HS
OUT (B)
DATA
SEC (B)
DATACLK (B)
FIGURE 10. ALTERNATE PIXEL SAMPLING (48 BIT MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com