Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X98021 Datasheet HTML 1Page - Renesas Technology Corp X98021 Datasheet HTML 2Page - Renesas Technology Corp X98021 Datasheet HTML 3Page - Renesas Technology Corp X98021 Datasheet HTML 4Page - Renesas Technology Corp X98021 Datasheet HTML 5Page - Renesas Technology Corp X98021 Datasheet HTML 6Page - Renesas Technology Corp X98021 Datasheet HTML 7Page - Renesas Technology Corp X98021 Datasheet HTML 8Page - Renesas Technology Corp X98021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 5 of 29
March 8, 2006
tSETUP
DATA valid before rising edge of DATACLK 15pF DATACLK load, 15pF DATA load
(Note 1)
1.3
ns
tHOLD
DATA valid after rising edge of DATACLK
15pF DATACLK load, 15pF DATA load
(Note 1)
2.0
ns
AC TIMING CHARACTERISTICS (2 WIRE INTERFACE)
fSCL
SCL Clock Frequency
0
400
kHz
Maximum width of a glitch on SCL that will
be suppressed
2 XTAL periods min
80
ns
tAA
SCL LOW to SDA Data Out Valid
5 XTAL periods plus SDA’s RC time
constant
See
comment
µs
tBUF
Time the bus must be free before a new
transmission can start
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0ns
tSU:STO Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
4 XTAL periods min
160
ns
NOTES:
1. Setup and hold times are at a 140MHz DATACLK rate.
Electrical Specifications
Specifications apply for VA = VD = VX = 3.3V, pixel rate = 210MHz, fXTAL = 25MHz, TA = 25°C,
unless otherwise noted (Continued)
SYMBOL
PARAMETER
COMMENT
MIN
TYP
MAX
UNIT
tSU:STO
tDH
tHIGH
tSU:ST
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
FIGURE 1. 2 WIRE INTERFACE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com