Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 18Page - Renesas Technology Corp X98021 Datasheet HTML 19Page - Renesas Technology Corp X98021 Datasheet HTML 20Page - Renesas Technology Corp X98021 Datasheet HTML 21Page - Renesas Technology Corp X98021 Datasheet HTML 22Page - Renesas Technology Corp X98021 Datasheet HTML 23Page - Renesas Technology Corp X98021 Datasheet HTML 24Page - Renesas Technology Corp X98021 Datasheet HTML 25Page - Renesas Technology Corp X98021 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 22 of 29
March 8, 2006
is selected, HSYNCOUT will output the entire SOG signal,
including the VSYNC portion, pre-/post-equalization pulses if
present, and Macrovision pulses if present. HSYNCOUT
remains active when the X98021 is in power-down mode.
HSYNCOUT is generally used for mode detection.
VSYNCOUT
VSYNCOUT is an unmodified, buffered version of the incoming
VSYNCIN signal of the selected channel, with the original
VSYNC period, polarity, and width to aid in mode detection. If a
SOG input is selected, this signal will output the VSYNC signal
extracted by the X98021’s sync slicer. Extracted VSYNC will
be the width of the embedded VSYNC pulse plus pre- and
post-equalization pulses (if present). Macrovision pulses from
an NTSC DVD source will lengthen the width of the VSYNC
pulse. Macrovision pulses from other sources (PAL DVD or
videotape) may appear as a second VSYNC pulse
encompassing the width of the Macrovision. See the
Macrovision section for more information. VSYNCOUT
(including the sync separator function) remains active in
power-down mode. VSYNCOUT is generally used for mode
detection, start of field detection, and even/odd field detection.
HSOUT
HSOUT is generated by the X98021’s control logic and is
synchronized to the output DATACLK and the digital pixel data
on the output databus. Its trailing edge is aligned with pixel 0.
Its width, in units of pixels, is determined by register 0x19, and
its polarity is determined by register 0x18[7]. As the width is
increased, the trailing edge stays aligned with pixel 0, while the
leading edge is moved backwards in time relative to pixel 0.
HSOUT is used by the scaler to signal the start of a new line of
pixels.
The HSOUT Width register (0x19) controls the width of the
HSOUT pulse. The pulse width is nominally 1 pixel clock period
times the value in this register. In the 48 bit output mode
(register 0x18[0] = 1), or the YUV input mode (register 0x05[2]
= 1), the HSOUT width is incremented in 2 pixel clock (1
DATACLK) increments (see Table 7).
VSOUT
VSOUT is generated by the X98021’s control logic and is
synchronized to the output DATACLK and the digital pixel data
on the output databus. Its leading and trailing edges are
aligned with pixel 7 (8 pixels after HSYNC trailing edge). Its
width, in units of lines, is equal to the width of the incoming
VSYNC (see the VSYNCOUT description). Its polarity is
determined by register 0x18[6]. This output is not needed in
most applications.
Macrovision
The X98021 will synchronize to and digitize Macrovision-
encoded YUV video if the source is an NTSC DVD.
Macrovision from PAL DVD, or from all video tape sources, is
incompatible with the sync slicer, requiring that the Macrovision
pulses either be stripped from the video prior to the SOGIN
input, or an external COAST signal be generated and applied
to the CLKINV pin that will coast the X98021’s PLL during the
VSYNC and Macrovision period.
Standby Mode
The X98021 can be placed into a low power standby mode by
writing a 0x0F to register 0x1B, powering down the triple
ADCs, the DPLL, and most of the internal clocks.
To allow input monitoring and mode detection during power-
down, the following blocks remain active:
• Serial interface (including the crystal oscillator) to enable
register read/write activity
• Activity and polarity detect functions (registers 0x01 and
0x02)
• The HSYNCOUT and VSYNCOUT pins (for mode detection)
TABLE 7. HSOUT WIDTH
REGISTER
0x19 VALUE
HSOUT WIDTH (PIXEL CLOCKS)
24 BIT MODE,
RGB
24 BIT MODE,
YUV
ALL 48 BIT
MODES
00
1
0
11
1
0
22
3
2
33
3
2
44
5
4
55
5
4
66
7
6
77
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com