Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X98021 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # X98021
Description  210MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X98021 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button X98021 Datasheet HTML 8Page - Renesas Technology Corp X98021 Datasheet HTML 9Page - Renesas Technology Corp X98021 Datasheet HTML 10Page - Renesas Technology Corp X98021 Datasheet HTML 11Page - Renesas Technology Corp X98021 Datasheet HTML 12Page - Renesas Technology Corp X98021 Datasheet HTML 13Page - Renesas Technology Corp X98021 Datasheet HTML 14Page - Renesas Technology Corp X98021 Datasheet HTML 15Page - Renesas Technology Corp X98021 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
X98021
FN8219 Rev 3.00
Page 12 of 29
March 8, 2006
0x05
Input configuration (0x00)
0
Channel Select
0: VGA1
1: VGA2
1
Input Coupling
0: AC coupled (positive input connected to clamp DAC
during clamp time, negative input disconnected from outside
pad and always internally tied to appropriate clamp DAC)
1: DC coupled (+ and - inputs are brought to pads and never
connected to clamp DACs). Analog clamp signal is turned off
in this mode.
2
RGB/YUV
0: RGB inputs (Clamp DAC = 300mV for R, G, B, half scale
analog shift for R, G, and B, base ABLC™ target code = 0x00
for R, G, and B)
1: YUV inputs (Clamp DAC = 600mV for R and B, 300mV for
G, half scale analog shift for G channel only, base ABLC™
target code = 0x00 for G, = 0x80 for R and B)
3
Sync Type
0: Separate HSYNC/VSYNC
1: Composite (from SOG or CSYNC on HSYNC)
4
Composite Sync
Source
0: SOGIN
1: HSYNCIN
Note: If Sync Type = 0, the multiplexer will pass HSYNCIN
regardless of the state of this bit.
5COAST CLAMP
enable
0: DC restore clamping and ABLC™ suspended during
COAST
1: DC restore clamping and ABLC™ continue during COAST
7:6
Reserved
Set to 00.
0x06
Red Gain (0x55)
7:0
Red Gain
Channel gain, where:
gain (V/V) = 0.5 + [7:0]/170
0x00: gain = 0.5 V/V
(1.4VP-P input = full range of ADC)
0x55: gain = 1.0 V/V
(0.7VP-P input = full range of ADC)
0xFF: gain = 2.0 V/V
(0.35VP-P input = full range of ADC)
0x07
Green Gain (0x55)
7:0
Green Gain
0x08
Blue Gain (0x55)
7:0
Blue Gain
0x09
Red Offset (0x80)
7:0
Red Offset
ABLC™ enabled: digital offset control. A 1 LSB change in
this register will shift the ADC output by 1 LSB.
ABLC™ disabled: analog offset control. These bits go to the
upper 8 bits of the 10 bit offset DAC. A 1LSB change in this
register will shift the ADC output approximately 1 LSB (Offset
DAC range = 0) or 0.5LSBs (Offset DAC range = 1).
0x00 = min DAC value or -0x80 digital offset,
0x80 = mid DAC value or 0x00 digital offset,
0xFF = max DAC value or +0x7F digital offset
0x0A
Green Offset (0x80)
7:0
Green Offset
0x0B
Blue Offset (0x80)
7:0
Blue Offset
0x0C
Offset DAC Configuration (0x00)
0
Offset DAC Range
0: ±1/2 ADC fullscale (1 DAC LSB ~ 1 ADC LSB)
1: ±1/4 ADC fullscale (1 DAC LSB ~ 1/2 ADC LSB)
1
Reserved
Set to 0.
3:2
Red Offset DAC LSBs These bits are the LSBs necessary for 10 bit manual offset
DAC control.
Combine with their respective MSBs in registers 0x09, 0x0A,
and 0x0B to achieve 10 bit offset DAC control.
5:4
Green Offset DAC
LSBs
7:6
Blue Offset DAC
LSBs
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(s)
FUNCTION NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com