Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 5 Page - Cirrus Logic

  CS7622 Datasheet HTML 1Page - Cirrus Logic CS7622 Datasheet HTML 2Page - Cirrus Logic CS7622 Datasheet HTML 3Page - Cirrus Logic CS7622 Datasheet HTML 4Page - Cirrus Logic CS7622 Datasheet HTML 5Page - Cirrus Logic CS7622 Datasheet HTML 6Page - Cirrus Logic CS7622 Datasheet HTML 7Page - Cirrus Logic CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS7622
DS322PP1
5
ADC (ANALOG-TO-DIGITAL CONVERTER)
CDS/VGA PARAMETERS
SERIAL INTERFACE TIMING SPECIFICATIONS
Notes: 1. the minimum serial clock period must be longer than two pixel clock periods.
Parameter
Symbol
Min
Typ
Max
Unit
Full Scale Input Voltage Range
300 mV
1 V
V0-p
Full Scale Input Voltage Range Resolution
100
mV
ADC resolution
-
10
-
bits
Total Differential Non-Linearity
-
±1
-
LSB
Total Integral Non-Linearity
-
±1
-
LSB
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage Range
300 mV
1 V
V0-p
Total Gain Range
AVGA
-
18
-
dB
Input Referred Noise (rms)
Maximum Gain Setting
VnVGA
--
0.2
mV
Description
Symbol
Minimum
Maximum
Unit
Enable Setup
t1
10
-
ns
SDAT Setup
t2
10
-
ns
SDAT Hold
t3
10
-
ns
Serial Clock Period
(Note 1)
t4
143
-
ns
Write Data Invalid
t5
0
10
ns
Read Data Valid
t6
0
10
ns
Clock to Disable
t7
143
-
ns
SEN Rise to SEN Fall
t8
200
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com