Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 22Page - Cirrus Logic CS7622 Datasheet HTML 23Page - Cirrus Logic CS7622 Datasheet HTML 24Page - Cirrus Logic CS7622 Datasheet HTML 25Page - Cirrus Logic CS7622 Datasheet HTML 26Page - Cirrus Logic CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
CS7622
26
DS322PP1
1024
1X
2X
4X
8X
ADC OUTPUT
1024
Figure 18. Transfer Function of ADC with Fixed Gain Settings (assuming full scale level of 1.0 V)
INPUT
0.125
0.25
0.5
1.0
ADC OUTPUT
1X
INPUT (V)
1.0
1024
ADC OUTPUT
2X
INPUT (V)
1.0
0.5
1024
ADC OUTPUT
4X
INPUT (V)
1.0
1024
ADC OUTPUT
8X
INPUT (V)
1.0
0.5
0.25
0.5
0.125
0.25
FIXED GAIN = 001
FIXED GAIN = 000
FIXED GAIN = 011
FIXED GAIN = 100
FIXED GAIN = 010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com