Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 23Page - Cirrus Logic CS7622 Datasheet HTML 24Page - Cirrus Logic CS7622 Datasheet HTML 25Page - Cirrus Logic CS7622 Datasheet HTML 26Page - Cirrus Logic CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
CS7622
DS322PP1
27
Compander - Black slope, Slopes (MSBs)
Default = 10h; Read/Write (address 15h)
Compander Slope 1 (LSBs)
Default = B2h; Read/Write (address 16h)
Compander Slope 2 (LSBs)
Default = 60h; Read/Write (address 17h)
Bit Number
765
4
3210
Bit Name
RESERVED
comp_linear
slope18
slope28
slope38
slope48
Default
000
1
0000
Bit
Mnemonic
Function
7:5
-
Reserved
4
comp_linear
Compander Black Level Slope: 0 - The values of “0” to “64” in a 13 bit repre-
sentation are set to “offset1” in a 10 bit representation. Offset1 can be set in
register 33h.
1 - In this case the black level is mapped linearly from 13 bit values to 10 bit
values. “64” is mapped into “8”. All the other values between “0” and “64” are
divided by 8 in order to get the 10 bit representation. (See Figure 13)
3
slope18
Compander Slope 1: MSB of slope of first segment of companding curve.
(See Figure 13)
2
slope28
Compander Slope 2: MSB of slope of second segment of companding curve.
(See Figure 13)
1
slope38
Compander Slope 3: MSB of slope of third segment of companding curve.
(See Figure 13)
0
slope48
Compander Slope 4: MSB of slope of fourth segment of companding curve.
(See Figure 13)
Bit Number
765
4
3210
Bit Name
slope17
slope16
slope15
slope14
slope13
slope12
slope11
slope10
Default
101
1
0010
Bit
Mnemonic
Function
7:0
slope17-10
Compander - Slope1: Slope of first segment (slope1[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
Bit Number
765
4
3210
Bit Name
slope27
slope26
slope25
slope24
slope23
slope22
slope21
slope20
Default
011
0
0000
Bit
Mnemonic
Function
7:0
slope27-20
Compander - Slope2: Slope of second segment (slope2[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com