Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 21Page - Cirrus Logic CS7622 Datasheet HTML 22Page - Cirrus Logic CS7622 Datasheet HTML 23Page - Cirrus Logic CS7622 Datasheet HTML 24Page - Cirrus Logic CS7622 Datasheet HTML 25Page - Cirrus Logic CS7622 Datasheet HTML 26Page - Cirrus Logic CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CS7622
DS322PP1
25
Fixed Gain
Default = 00h; Read/Write (address 14h)
Bit Number
765432
10
Bit Name
RESERVED
fixed_gain2 fixed_gain1 fixed_gain0
RESERVED
Default
000000
00
Bit
Mnemonic
Function
7:6, 2:0
-
Reserved
5:3
fixed_gain2-0
Fixed Gain: This is used to turn off the DRX functionality and apply a fixed gain
to the input before reaching the ADC. A setting of 000 is used for normal oper-
ation this will yield the largest dynamic range by switching the front end gain rel-
ative to the amplitude of the input signal. The settings 001, 010, 011, and 100
are for fixed gains of 1x, 2x, 4x, and 8x respectively. Figure 18 shows the trans-
fer function of the output of the ADC for a given input with the various fixed gain
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com