Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 15Page - Cirrus Logic CS7622 Datasheet HTML 16Page - Cirrus Logic CS7622 Datasheet HTML 17Page - Cirrus Logic CS7622 Datasheet HTML 18Page - Cirrus Logic CS7622 Datasheet HTML 19Page - Cirrus Logic CS7622 Datasheet HTML 20Page - Cirrus Logic CS7622 Datasheet HTML 21Page - Cirrus Logic CS7622 Datasheet HTML 22Page - Cirrus Logic CS7622 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
CS7622
DS322PP1
19
Operation Control 1
Default = 0Ah; Read/Write (address 04h)
Bit Number
7
6
5
43210
Bit Name
RESERVED
dout_edge
low_res
bits_out1
bits_out0
blk_dis
off_range
Default
0
0
0
01010
Bit
Mnemonic
Function
7:6
-
reserved
5
dout_edge
This register is used to set when dout changes values. Relative to CLKO
0 - dout output changes on the falling edge of CLKO
1 - dout output changes on the rising edge of CLKO
4
low_res
Preview Mode: This mode can be used to cut the current consumption of the
chip by 20 mA. The output of the ADC will have 6 bits of resolution in this mode,
and the output of the chip will have 9 bits after using the DRX circuitry. It is in-
tended to be used when driving an LCD display or any other time when a lower
resolution picture is acceptable.
3:2
bits_out1-0
Number of Data Bits Out: The range of the output data can be determined by
these bits. The data internal to the chip has a 13-bit range. The output can be
this full range, half this range (12 bits), or an eighth of this range (10 bits). If 12-
bit data is selected, the top half of the 13-bit range is saturated to the maximum
12-bit code. If 10-bit data is selected, the compander curve which is user pro-
grammable is employed to map the 13-bit data to the 10-bit output.
0 - 10 bits output; 1 - 10 bits output
2 - 13 bits output; 3 - 12 bits output
1
blk_dis
Black Level Loop Disabled: If the user chooses to adjust the black level him-
self through register access, he may disable the internal black level loop. This
loop usually updates the black level to what it calculates to be the correct level.
If disabled, the offset used will be determined from the value written in the black
level accumulator register.
0 - internal black level loop is enabled
1 - black level loop is disabled
0
off_range
Offset Range: The black level loop is used to cancel any offsets from the CCD
and chip circuitry. If the offsets are small, the user has the option to decrease
the offset cancellation range for the added advantage of increasing the resolu-
tion of the offset cancellation.
0 - smaller offset cancellation range used (~50 mV)
1 - larger offset cancellation range used (~100 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com