Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 3Page - Cirrus Logic CS7622 Datasheet HTML 4Page - Cirrus Logic CS7622 Datasheet HTML 5Page - Cirrus Logic CS7622 Datasheet HTML 6Page - Cirrus Logic CS7622 Datasheet HTML 7Page - Cirrus Logic CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic CS7622 Datasheet HTML 10Page - Cirrus Logic CS7622 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS7622
DS322PP1
7
2.0 GENERAL DESCRIPTION
The CS7622 forms the heart of a four chip digital
CCD Camera. The four chips include the CCD im-
ager, the CS7622 CCD digitizer, a vertical drive in-
terface chip and a backend DSP chip to further
process the digital data (see Figure 4.)
The patented DRX technology allows the CS7622
to output data with 13-bit dynamic range, and at the
same time reducing the power consumption to a 10-
bit equivalent A/D converter.
The digitized output is either available in 13-bits,
12-bits or 10-bits. The 10-bit output is created by
companding the 13-bit A/D output to 10-bits. The
companding curve consists of 4 linear segments,
where each slope and each start point is user pro-
grammable.
A block diagram of the CS7622 chip is shown in
Figure 5.
CCD
Vertical Drive
DC-DC converter
Backend
DSP
LCD Panel
Video Output
+5 V
+5 V to -5 V
CDS/ADC
Control
CS7622
Timing Signals
Figure 4. Digital Camera Block Diagram
AIN
SEN
SDATI SDATO SCLK
BG_RES
REF_CAPN
REF_CAPP
RST
TEST
CLAMP
CLKO
DOUT[12:0]
(up to 3 may be unused)
GND[2]
VDD[2]
Σ
CDS/VGA
A/D
Gain
Adjust
13 to 10-bit
Compander
M
U
X
Black
Level
Serial Interface
Reference
1 µF
10 k
Ω
CK_FT
CK_DATA
Clock
Generator
Figure 5. CS7622 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com