Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 9Page - Cirrus Logic CS7622 Datasheet HTML 10Page - Cirrus Logic CS7622 Datasheet HTML 11Page - Cirrus Logic CS7622 Datasheet HTML 12Page - Cirrus Logic CS7622 Datasheet HTML 13Page - Cirrus Logic CS7622 Datasheet HTML 14Page - Cirrus Logic CS7622 Datasheet HTML 15Page - Cirrus Logic CS7622 Datasheet HTML 16Page - Cirrus Logic CS7622 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CS7622
DS322PP1
13
backlighting conditions. Details in dark areas stay
visible, even in very complex lighting conditions.
These three modes can be selected through 2 regis-
ter bits in operational control.
In the 12-bit clipped mode, any input above 4095
gets clipped to 4095. In the 10-bit companded
mode, the input gets companded through a four
segment, three knees, fully programmable curve.
To program the curve, the placement of the three
knees in the companding curve must be deter-
mined. The next step is to determine the slope of
the four segments created by the three knees (slope
for each segment is defined as delta y / delta x). Fi-
nally, offsets must be calculated to keep the com-
panding curve continuous.
A fourth knee exists in the curve, which represents
the black level value. There are two options for the
10-bit black value. In case one, a linear mapping is
employed such that “blacker-than-black” pixel in-
formation is kept, with black (code 64 in the 13 bit
data) being defined as code 8 in the 10 bit domain.
The second option clips all pixel values less than
black (code 64 in the 13 bit data) to a programma-
ble offset value, offset1. This may be set to 0 if de-
sired. This option will lose the “blacker-than-
black” pixel information, but allow for slightly
more dynamic range. Note: If using the linear mode
(option 1), offset1 must be set to 8.
Registers x1 through x3 should be programmed
with the x coordinates of each one of the three
knees.
Registers slope1 through slope4 should be pro-
grammed with 256 multiplied by the calculated
slopes.
Finally, the offsets can be programmed following
the formulas below:
y1 = slope1/256 × (x1-64) + offset1
y2 = slope2/256 × (x2-x1) + y1
y3 = slope3/256 × (x3-x2) + y2
offset2 = y1 - (x1 × slope2 / 256)
offset3 = y2 - (x2 × slope3 / 256)
offset4 = y3 - (x3 × slope4 / 256)
(use integer division and discard the remainder)
When using the 10 bit companded output, be aware
of the non-linearity of the output data. If linear out-
put is needed to perform Auto White Balance
(AWB) or Automatic Gain Control (AGC), a linear
curve can be implemented to gather statistics. This
can be achieved by writing 8191 to x1 (set register
Bits_out register bits
Output mode
0x
10 bits companded
10
13 bits
11
12 bits (clipped)
Table 1.
1023
CODE_IN
CODE_OUT
8191
X1
X2
X3
SLOPE1
SLOPE2
SLOPE3
SLOPE4
OFFSET2
OFFSET3
OFFSET4
OFFSET1
64
(x2,y2)
(x1,y1)
(x3,y3)
Figure 13. 13-to-10 bit compander



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com