Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 6Page - Cirrus Logic CS7622 Datasheet HTML 7Page - Cirrus Logic CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic CS7622 Datasheet HTML 10Page - Cirrus Logic CS7622 Datasheet HTML 11Page - Cirrus Logic CS7622 Datasheet HTML 12Page - Cirrus Logic CS7622 Datasheet HTML 13Page - Cirrus Logic CS7622 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS7622
10
DS322PP1
matically biased to mid-supply without worrying
about external circuitry to perform this task.
3.2 Black Level Adjustment
In order to maintain a constant reference level for
black pixels, a feedback loop is implemented that
sets the black level value at the output of the ADC
to 64 in the 13 bit digital code. This loop is active
during the optically black pixels which are output
at the beginning and end of a frame as well as dur-
ing a portion of the horizontal blanking period. The
presence of black pixels in the CCD output is indi-
cated by the CLAMP pulse, which is supplied ex-
ternally through the CLAMP pin. The black level
can also be written to through the serial port.
In order to acquire a starting value for the black lev-
el, the loop will run over the several lines of black
pixels at the beginning of the frame. The block di-
agram of the loop is shown in Figure 10. The up-
date rate is once per line during active pixel lines as
long as the Clamp pulse is < n+10 cycles. Where n
is the number of pixels accumulated before the
black loop is updated and is programmable through
register 0Dh bits 5:0. If the Clamp pulse is longer
than n+10 cycles the black loop is updated every
n+10 cycles. For example, during optical back lines
the loop is updated several times at a rate of once
every n+10 cycles.
The open-loop transfer function of the black level
adjustment loop is
blk_gain = 1, 2, 4, or 8
where blk_gain is programmable through a register
and n = # of black pixels during clamp time, which
is also programmable. The value of Kxn will deter-
mine the open-loop gain of the system. The settling
time for the loop can be calculated using the fol-
lowing formula:
For offset range=1 (reg 06h, bit 0)
For offset range =0
CCD
INPUT
SIGNAL
ck_ft
ck_data
OUT OF
STAGE 1
OUT OF
STAGE 2
OUT OF
STAGE 3
Figure 9. Idealized timing diagram of VGA/CDS circuit
V(1)
V(2)
V(3)
V(1)
V(2)
V(3)
V(1)
V(2)
V(3)
V(1)
V(2)
Hz
()
Kn
×
z1
–
-------------
=
K
1
256
--------- blk_gain
=
τ
1
1nK
–
()
ln
---------------------------
–

 1
fu
-----


=
τ
1
1
nK
2
-------
–


ln
----------------------------
–





1
fu
-----


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com