Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic CS7622 Datasheet HTML 10Page - Cirrus Logic CS7622 Datasheet HTML 11Page - Cirrus Logic CS7622 Datasheet HTML 12Page - Cirrus Logic CS7622 Datasheet HTML 13Page - Cirrus Logic CS7622 Datasheet HTML 14Page - Cirrus Logic CS7622 Datasheet HTML 15Page - Cirrus Logic CS7622 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CS7622
12
DS322PP1
would be “1100000000000.” The transfer function
of the Vin/gain adjust out is shown in Figure 11.
A block diagram of the gain adjust block is shown
in Figure 12.
Since the analog gain changes do not match the
digital shifts exactly, there is a potential to have
non-monotonic digital output. In order to remove
this problem, calibration is performed. During cal-
ibration, offset values are found that will be used to
counteract the errors caused by the analog gain
mismatch. Using these offset values, the final out-
put is a monotonic continuous 13-bit value.
3.4 13-to-10 Bit Compander
While a 13 bit output may be useful in some appli-
cations, others may require the standard 10 bit out-
put. To accommodate this and yet still retain the
advantages of the increased dynamic range, a 13-
to-10 (or 13-to-12) bit compander is included. By
using the picture content as a guide, the user can se-
lect which curve will lead to the best overall dy-
namic range in the picture. The Companding
module takes 13-bit data as input, and outputs ei-
ther 10-bit companded data, 12-bit MSB-clipped
data or it lets the original 13-bit data pass through.
By programming the compander in the way that is
shown in Figure 13, it is possible to compensate for
DIG ADJUST OUT (13 BITS)
VIN (V)
1.0
0.5
0.25
0.125
8192
4096
1X
2X
4X
8X
ADC OUTPUT
00
01
10
11
1024
2048
0
Figure 11. Transfer function of Vin to Gain Adjust output Block (assuming full scale level of 1.0 V)
GAIN ADJUST
SHIFT BY 0,1,2, OR 3
ADC OUTPUT
10
2
VGA_ADC OUTPUT
TO DIGITAL GAIN
13
Figure 12. Gain Adjust output Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com