Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7622 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 27Page - Cirrus Logic CS7622 Datasheet HTML 28Page - Cirrus Logic CS7622 Datasheet HTML 29Page - Cirrus Logic CS7622 Datasheet HTML 30Page - Cirrus Logic CS7622 Datasheet HTML 31Page - Cirrus Logic CS7622 Datasheet HTML 32Page - Cirrus Logic CS7622 Datasheet HTML 33Page - Cirrus Logic CS7622 Datasheet HTML 34Page - Cirrus Logic CS7622 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS7622
DS322PP1
31
Compander X3 (MSBs)
Default = 0Bh; Read/Write (address 23h
)
Compander X3 (LSBs)
Default = 58h; Read/Write (address 24h)
Device ID
Default = CCh; Read only (address 25h
)
Revision Code
Default = 00h; Read only (address 26h)
Bit Number
765
4
3210
Bit Name
RESERVED
x312
x311
x310
x39
x38
Default
000
0
1011
Bit
Mnemonic
Function
7:5
-
Reserved
4:0
x312-x38
End value of third segment of companding curve (MSBs). (See Figure 13)
Bit Number
765
4
3210
Bit Name
x37
x36
x35
x34
x33
x32
x31
x30
Default
010
1
1000
Bit
Mnemonic
Function
7:0
x37-x30
End value of third segment (x3[12:0]) of companding curve (LSBs). (See
Figure 13)
Bit Number
765
4
3210
Bit Name
device_ID7 device_ID6 device_ID
5 device_ID4 device_ID3 device_ID2 device_ID1 device_ID0
Default
100
0
1100
Bit
Mnemonic
Function
7:0
device_ID7-0
This read-only register is the unique ID for the CS7622.
Bit Number
765
4
3210
Bit Name
rev_code7
rev_code6
rev_code
5
rev_code4
rev_code3
rev_code2
rev_code1
rev_code0
Default
000
0
0000
Bit
Mnemonic
Function
7:0
rev_code7-0
This read-only register is the revision code for the CS7622.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com